Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1501IS8-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1501IS8-5
Description  Adaptive-Frequency Current Mode Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1501IS8-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1501IS8-5 Datasheet HTML 2Page - Linear Technology LT1501IS8-5 Datasheet HTML 3Page - Linear Technology LT1501IS8-5 Datasheet HTML 4Page - Linear Technology LT1501IS8-5 Datasheet HTML 5Page - Linear Technology LT1501IS8-5 Datasheet HTML 6Page - Linear Technology LT1501IS8-5 Datasheet HTML 7Page - Linear Technology LT1501IS8-5 Datasheet HTML 8Page - Linear Technology LT1501IS8-5 Datasheet HTML 9Page - Linear Technology LT1501IS8-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1500/LT1501
TYPICAL PERFORMANCE CHARACTERISTICS
Peak-to-Peak Inductor Ripple
Current
AVERAGE SWITCH CURRENT
0
220
200
180
160
140
120
100
80
0.3
0.5
LT1500/01 • TPC07
0.1
0.2
0.4
0.6
0.7
VIN = 3.3V
VOUT = 5V
L = 50
µH
NOTE THAT RIPPLE CURRENT
INCREASES WITH SMALLER
INDUCTORS DUE TO
PROPAGATION DELAY
IN THE CURRENT
COMPARATOR
Switch Saturation Voltage
SWITCH CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.8
LT1500/01 • TPC06
0.2
0.4
0.6
1.0
TJ = 25°C
INPUT VOLTAGE (V)
0
120
100
80
60
40
20
0
2
46
8
LT1500/01 • TPC01
10
12
TJ = 25°C
LOAD CURRENT IS
REDUCED UNTIL Burst
Mode OPERATION STARTS
VOUT = 3.3V
VOUT = 5V
VOUT = 12V
Burst Mode Threshold
SINK CURRENT (mA)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
1
23
4
LT1500/01 • TPC02
56
TJ = 25°C
VLBI ≤ 1.2V
Low-Battery Output Saturation
Voltage
Quiescent Input Supply Current
INPUT VOLTAGE (V)
0
15
25
LT1500/01 • TPC04
510
20
400
350
300
250
200
150
100
50
0
TJ = 25°C
VFB OR VOUT HELD 5% HIGH,
SO THAT Burst Mode
OPERATION IS ACTIVATED.
DOES NOT INCLUDE
OUTPUT DIVIDER CURRENT
INPUT VOLTAGE (V)
0
20
16
12
8
4
0
20
LT1500/01 • TPC03
5
10
15
25
TJ = 25°C
VSHDN = 0V
Input Current in Shutdown
Shutdown Input Current vs
Feedback Pin Voltage
FEEDBACK PIN VOLTAGE (V)
0
140
120
100
80
60
40
20
0
0.6
1.0
LT1500/01 • TPC05
0.2
0.4
0.8
1.2
1.4
TJ = 25°C
VIN = 5V
ADJUSTABLE PARTS ONLY.
FIXED VOLTAGE PARTS DO
NOT SHOW SHUTDOWN
CURRENT INCREASE WITH
FEEDBACK VOLTAGE


Similar Part No. - LT1501IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1501 LINER-LT1501 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
logo
Diodes Incorporated
LT1501G DIODES-LT1501G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
More results

Similar Description - LT1501IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1500 LINER-LT1500_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
LT1501 LINER-LT1501_15 Datasheet
374Kb / 16P
   Adaptive-Frequency Current Mode Switching Regulators
logo
Maxim Integrated Produc...
MAX17499 MAXIM-MAX17499 Datasheet
252Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 1; 7/11
MAX15000 MAXIM-MAX15000 Datasheet
616Kb / 18P
   Current-Mode PWM Controllers with Programmable Switching Frequency
Rev 0; 1/06
logo
Sanyo Semicon Device
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
   High frequency rectification (switching regulators, converters, choppers).
logo
ON Semiconductor
NCP1236 ONSEMI-NCP1236_16 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2016 ??Rev. 5
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com