Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR3050PT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR3050PT
Description  Dual Common Cathode Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR3050PT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR3050PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR3050PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR3050PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR3050PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SR3060PT
SR3060PT
SR3060PT
(TA=25℃ unless otherwise noted)
Document Number: DS_D1309030
Version: G13
SR3020PT thru SR30150PT
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
SR30xxPT
(Note 1)
Prefix "H"
C0
Suffix "G"
TO-3P
30 / Tube
Note 1: "xx" defines voltage from 20V (SR3020PT) to 150V (SR30150PT)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
SR3060PT C0
C0
SR3060PT C0G
C0
G
Green compound
SR3060PTHC0
H
C0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
25
30
35
50
75
100
125
150
CASE TEMPERATURE. (oC)
FIG. 1- FORWARD CURRENT DERATING CURVE
SR3050PT-30150PT
SR3020PT-3040PT
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
0.01
0.1
1
10
100
0
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=25℃
TJ=75℃
TJ=100℃
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PER LEG
SR3050PT-3060PT
SR3020PT-3040PT
SR3090PT-30100PT
PULSE WIDTH-300μs
1% DUTY CYCLE
SR30150PT


Similar Part No. - SR3050PT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3050PT TSC-SR3050PT Datasheet
218Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3050PT TSC-SR3050PT Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
logo
Nantong Hornby Electron...
SR3050PT HORNBY-SR3050PT Datasheet
285Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR3050PT HY-SR3050PT Datasheet
416Kb / 3P
   Schottky Barrier Recitifiers
logo
Comchip Technology
SR3050PT-G COMCHIP-SR3050PT-G Datasheet
79Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - SR3050PT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com