Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1508I Datasheet(PDF) 2 Page - Linear Technology

Part # LT1508I
Description  Power Factor and PWM Controller(Voltage Mode)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508I Datasheet(HTML) 2 Page - Linear Technology

  LT1508I Datasheet HTML 1Page - Linear Technology LT1508I Datasheet HTML 2Page - Linear Technology LT1508I Datasheet HTML 3Page - Linear Technology LT1508I Datasheet HTML 4Page - Linear Technology LT1508I Datasheet HTML 5Page - Linear Technology LT1508I Datasheet HTML 6Page - Linear Technology LT1508I Datasheet HTML 7Page - Linear Technology LT1508I Datasheet HTML 8Page - Linear Technology LT1508I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1508
By using fixed high frequency PWM current averaging
without the need for slope compensation, the LT1508
achieves far lower line current distortion with a smaller
magnetic element than systems that use either peak
current detection, or zero current switching approach, in
both continuous and discontinuous modes of operation.
The LT1508 also provides filtering capability to reject line
DESCRIPTION
switching noise which can cause instability when fed into
the multiplier. Line current dead zone is minimized with
low bias voltage at the current input to the multiplier. The
LT1508 provides many protection features including peak
current limiting and overvoltage protection. Implemented
with a very high speed process, the LT1508 can be
operated at frequencies as high as 300kHz.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................ 27V
GTDR Current Continuous ...................................... 0.5A
GTDR Output Energy ................................................ 5
µJ
IAC, RSET, PKLIM Input Current .............................. 20mA
VSENSE, OVP Input Voltage .................................... VMAX
ILIM, VC Input Voltage ................................................ 8V
ISENSE, MOUT Input Current ................................... ±5mA
Operating Junction Temperature Range
LT1508C ................................................ 0
°C to 100°C
LT1508I ............................................ – 40
°C to 125°C
Thermal Resistance (Junction-to-Ambient)
N Package ................................................... 100
°C/W
SW Package ................................................ 120
°C/W
PACKAGE/ORDER INFORMATION
Consult factory for Military grade parts.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO WIDE
N PACKAGE
20-LEAD PDIP
20
19
18
17
16
15
14
13
12
11
GTDR1
GND2
GND1
CSET
PKLIM
CAOUT
ISENSE
MOUT
IAC
VAOUT
GTDR2
ILIM
VC
VCC
SS1
RSET
VSENSE
SS2
VREF
OVP
TJMAX = 125°C, θJA = 100°C/ W (N)
TJMAX = 125°C, θJA = 120°C/ W (SW)
ORDER PART
NUMBER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current (VCC in Undervoltage Lockout)
VCC = Lockout Voltage – 0.2V
q
0.25
0.45
mA
Supply Current On
11.5V
≤ VCC ≤ VMAX
q
13
19
mA
VCC Turn-On Threshold (Undervoltage Lockout)
q
15.5
16.5
17.5
V
VCC Turn-Off Threshold
q
9.5
10.5
11.5
V
Voltage Amplifier (PFC Section)
Voltage Amp Offset
VAOUT = 3.5V
q
–10
10
mV
Input Bias Current
VSENSE = 0V to 7V
q
– 25
– 250
nA
Voltage Gain
70
100
dB
Voltage Amp Unity-Gain Bandwidth
3
MHz
Voltage Amp Output High (Internally Clamped)
q
11.3
13.3
V
Voltage Amp Output Low
q
1.1
2
V
Voltage Amp Short-Circuit Current
VAOUT = 0V
q
3
8
17
mA
ELECTRICAL CHARACTERISTICS
Maximum operating voltage (VMAX) = 25V, VCC = 18V, RSET = 15k to GND, CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V,
VAOUT = 5V, OVP = VREF. No load on any outputs unless otherwise noted.
LT1508CN
LT1508CSW
LT1508IN
LT1508ISW


Similar Part No. - LT1508I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results

Similar Description - LT1508I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Fairchild Semiconductor
ML4819 FAIRCHILD-ML4819 Datasheet
269Kb / 15P
   Power Factor and PWM Controller ?쏞ombo?
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com