Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK59B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK59B
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK59B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK59B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK59B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK59B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK59B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
SK56B
SK56B
SK56B
(TA=25
oC unless otherwise noted)
Document Number: DS_D1406034
Version: K14
PACKAGE
PACKING
M4
SMB
3,000 / 13" Plastic reel
SK52B thru SK515B
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
R5
Suffix "G"
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
SK5xxB
(Note 1)
Prefix "H"
SK56B R5
R5
Note 1: "xx" defines voltage from 20V (SK52B) to 150V (SK515B)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
SK56B R5G
R5
G
Green compound
SK56BHR5
H
R5
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
1
2
3
4
5
6
50
60
70
80
90 100 110 120 130 140 150 160
LEAD TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
50
70
90
110
130
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=75oC
TJ=125oC
SK52B-SK54B
SK55B-SK515B
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TJ=25oC
TJ=125oC
SK52B-SK54B
SK55B-SK56B
SK59B-SK515B


Similar Part No. - SK59B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK59B TSC-SK59B Datasheet
52Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK59B TSC-SK59B Datasheet
258Kb / 2P
   5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK59B TSC-SK59B Datasheet
138Kb / 2P
   5.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK59B LUGUANG-SK59B Datasheet
224Kb / 2P
   5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK59B GOOD-ARK-SK59B Datasheet
760Kb / 5P
   Surface Mount Schottky Rectifier
More results

Similar Description - SK59B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com