Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK25A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK25A
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK25A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK25A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK25A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK25A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK25A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
dV/dt
V/μs
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1308027
Version: L13
Note 1: Pulse test with PW=300μs, 1% duty cycle
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
TJ=125 ℃
IR
- 55 to +150
- 55 to +125
Operating junction temperature range
Storage temperature range
- 55 to +150
Voltage Rate of Change (Rated VR)
10000
Typical thermal resistance
88
Non-repetitive peak reverse avalanche
energy L=40mH Ta=25℃ max prior to surge,
Inductive load switched off
ERSM
20
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
0.5
0.1
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
0.50
A
SK
29A
SK
210A
SK
215A
Unit
-
0.70
0.85
2.0
Maximum repetitive peak reverse voltage
mJ
0.95
V
Maximum RMS voltage
Maximum DC blocking voltage
mA
10
5
-
Polarity:
Indicated by cathode band
Weight:
0.07 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SK
22A
SK
23A
SK
24A
SK
25A
SK
26A
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-214AC (SMA)
DO-214AC (SMA)
SK22A thru SK215A
Taiwan Semiconductor
Surface Mount Schottky Barrier Rectifier
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - SK25A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK25A TSC-SK25A Datasheet
49Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK25A TSC-SK25A Datasheet
48Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK25A TSC-SK25A Datasheet
172Kb / 2P
   2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
SK25A GOOD-ARK-SK25A Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Amperes
logo
Silicon Standard Corp.
SK25A SSC-SK25A Datasheet
257Kb / 3P
   Schottky Barrier Rectifiers
More results

Similar Description - SK25A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com