Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1508C Datasheet(PDF) 4 Page - Linear Technology

Part # LT1508C
Description  Power Factor and PWM Controller(Voltage Mode)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1508C Datasheet(HTML) 4 Page - Linear Technology

  LT1508C Datasheet HTML 1Page - Linear Technology LT1508C Datasheet HTML 2Page - Linear Technology LT1508C Datasheet HTML 3Page - Linear Technology LT1508C Datasheet HTML 4Page - Linear Technology LT1508C Datasheet HTML 5Page - Linear Technology LT1508C Datasheet HTML 6Page - Linear Technology LT1508C Datasheet HTML 7Page - Linear Technology LT1508C Datasheet HTML 8Page - Linear Technology LT1508C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1508
IM
IAC (VAOUT – 2)
2
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Multiplier Gain Constant: K =
Note 2: GTDR2 (PWM) pulse is delayed by 53% duty cycle after GTDR1
(PFC) is set. See PFC/PWM Synchronization graph in the Typical
Performance Characteristics section.
TYPICAL PERFORMANCE CHARACTERISTICS
PFC Voltage Amplifier Open-Loop
Gain and Phase
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
1508 G01
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
FREQUENCY (Hz)
10
100
80
60
40
20
0
–20
100
1k
10k
100k
1508 G02
1M
10M
0
–20
–40
–60
–80
–100
–120
PHASE
GAIN
PFC Current Amplifier Open-Loop
Gain and Phase
TIME
1508 G03
PFC (GTDR1)
53%
PWM (GTDR2)
PFC/PWM Synchronization
ELECTRICAL C
C
HARA TERISTICS
VCC = 18V, RSET = 15k to GND, CSET = 1nF to GND, IAC = 100µA, ISENSE = 0V, CAOUT = 3.5V, VAOUT = 5V, OVP = VREF. No load on any
outputs, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Soft Start Current
SS1 Current (PFC)
SS1 = 2.5V
q
512
30
µA
SS2 Current (PWM)
SS2 = 1V
q
512
30
µA
Comparators in PWM Section
ILIM Input Current
ILIM = 0V, VC = 1.6V
q
– 0.3
– 2
µA
Current Limit Comparator (CL) Threshold
VC > 2.6V
q
0.95
1.1
1.20
V
GTDR2 Switching Off Threshold at VC or at SS2
ILIM = 0V
q
1V
VC Input Current
VC = 0V
q
–20
– 80
µA
PWMOK Comparator Low Threshold (in Terms of VREF)
q
0.57
0.63
0.70
VC Pin High Voltage
1mA into VC Pin
q
6.2
6.9
7.5
V
GTDR2 Turn-On Blanking Time
180
ns


Similar Part No. - LT1508C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results

Similar Description - LT1508C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Fairchild Semiconductor
ML4819 FAIRCHILD-ML4819 Datasheet
269Kb / 15P
   Power Factor and PWM Controller ?쏞ombo?
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com