Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1507I Datasheet(PDF) 10 Page - Linear Technology

Part # LT1507I
Description  500kHz Monolithic Buck Mode Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1507I Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1507I Datasheet HTML 6Page - Linear Technology LT1507I Datasheet HTML 7Page - Linear Technology LT1507I Datasheet HTML 8Page - Linear Technology LT1507I Datasheet HTML 9Page - Linear Technology LT1507I Datasheet HTML 10Page - Linear Technology LT1507I Datasheet HTML 11Page - Linear Technology LT1507I Datasheet HTML 12Page - Linear Technology LT1507I Datasheet HTML 13Page - Linear Technology LT1507I Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1507
APPLICATIONS INFORMATION
be due to a radiated magnetic field coupling into PC
board traces. But why were some boards bad and
others good? In a moment of desperation (or divine
inspiration) I unsoldered a “bad” inductor, rotated it
180
° and resoldered it. Problem fixed!!
It turns out that the inductor was symmetrical in all
regards except that the polarity of the magnetic field
reversed when the unit was rotated 180
° because
current flowed in the opposite direction in the coil. In
one direction, the magnetically induced ripple in the
board traces
added to output ripple. Rotating the induc-
tor caused the induced field to
reduce output ripple.
Unfortunately the inductor had no physical package
assymmetry to indicate rotation, including part mark-
ing, so we had to visually examine the winding in each
unit before soldering it to the boards. This little horror
story should not preclude the use of open core induc-
tors, but it emphasizes the need to carefully check the
effect these seductively small, low cost inductors may
have on regulator or system performances.
4. Look for an inductor (see Table 1) which meets the
requirements of core shape, peak current (to avoid
saturation), average current (to limit heat) and fault
current (if the inductor gets too hot, wire insulation will
melt and cause turn-to-turn shorts). Keep in mind that
all good things like high efficiency, surface mounting,
low profile and high temperature operation will increase
cost, sometimes dramatically.
5. After making an initial choice, consider secondary things
like output voltage ripple, second sourcing, etc. Use the
experts in the Linear Technology Applications Depart-
ment if you feel uncertain about the final choice. They
have experience with a wide range of inductor types and
can tell you about the latest developments in low profile,
surface mounting, etc.
Table 1. Representative Surface Mount Units
VALUE
DC
CORE SERIES
HEIGHT
MANUFACTURER
(
µH)
(A)
TYPE
(
Ω)
CORE
(mm)
Coiltronics
CTX5-1
5
2.3
Tor
0.027
KM
µ
4.2
CTX10-1
10
1.9
Tor
0.039
KM
µ
4.2
CTX5-1P
5
1.8
Tor
0.021
52
4.2
CTX10-1P
10
1.6
Tor
0.030
52
4.2
Sumida
CDRH64
10
1.7
SC
0.084
Fer
4.5
CDRH73
10
1.7
SC
0.055
Fer
3.4
CD73
10
1.4
Open
0.062
Fer
3.5
CD104
10
2.4
Open
0.041
Fer
4.0
Gowanda
SM20-102K
10
1.3
Open
0.038
Fer
7
Dale
IHSM-4825
10
3.1
Open
0.071
Fer
5.6
IHSM-5832
10
4.3
Open
0.053
Fer
7.1
SC = Semi-closed geometry
Fer = Ferrite core material
52 = Type 52 powdered iron core material
KM
µ = Kool Mµ
OUTPUT CAPACITOR
The output capacitor is normally chosen by its effective
series resistance (ESR), because that is what determines
output ripple voltage. At 500kHz any polarized capacitor is
essentially resistive. To get low ESR takes
volume ; physi-
cally larger capacitors have lower ESR. The ESR range
needed for typical LT1507 applications is 0.05
Ω to 0.5Ω.
A typical output capacitor is an AVX type TPS, 100
µF at
10V, with a guaranteed ESR less than 0.1
Ω. This is a “D”
size surface mount solid tantalum capacitor. TPS capaci-
tors are specially constructed and tested for low ESR so
they give the lowest ESR for a given volume. The value in
microfarads is not particularly critical and values from
22
µF to greater than 500µF work well, but you cannot
cheat mother nature on ESR. If you find a tiny 22
µF solid
tantalum capacitor, it will have high ESR and output ripple
voltage will be terrible. The chart in Table 2 shows some
typical solid tantalum surface mount capacitors.


Similar Part No. - LT1507I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1507 LINER-LT1507 Datasheet
96Kb / 12P
   500mA Low Voltage Step-Down Synchronous
logo
Diodes Incorporated
LT1507G DIODES-LT1507G Datasheet
55Kb / 2P
   1.5A GLASS PASSIVATED RECTIFIER
DS29005 Rev. B-3
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
More results

Similar Description - LT1507I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1507 LINER-LT1507_15 Datasheet
302Kb / 20P
   500kHz Monolithic Buck Mode Switching Regulator
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
   500kHz 1A SuperSwitcher Buck Regulator
logo
National Semiconductor ...
LM20125 NSC-LM20125 Datasheet
580Kb / 20P
   5A, 500kHz PowerWise짰 Synchronous Buck Regulator
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
   4.5A, 500kHz Step-Down Switching Regulator
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1374 LINER-LT1374 Datasheet
297Kb / 32P
   4.5A, 500kHz Step-Down Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
   1.4A, 500kHz Step-Down Switching Regulator
LT1371 LINER-LT1371 Datasheet
320Kb / 16P
   500kHz High Efficiency 3A Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com