Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK20H45 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SK20H45
Description  Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK20H45 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SK20H45 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK20H45 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SK20H45 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SK20H45 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low forward voltage drop
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- For use as Bypass diode in Solar application.
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
RθJL
OC/W
TSTG
OC
Document Number: DS_D1310005
Version: C13
SK20H45
Taiwan Semiconductor
Schottky Barrier Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
R-6
MECHANICAL DATA
Case:
R-6
Weight:
1.6 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SK20H45
Maximum repetitive peak reverse voltage
45
Maximum RMS voltage
31
Maximum DC blocking voltage
45
Maximum average forward rectified current
20
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
275
A
Maximum instantaneous forward voltage (Note 1)
IF= 20 A
VF
0.55
V
Maximum DC reverse current
@TJ=25 ℃
at rated DC blocking voltage
@TJ=100 ℃
IR
0.5
mA
50
Storage temperature range
- 50 to +175
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
6
Junction temperature range
- in DC forward mode
TJ
<=200
OC


Similar Part No. - SK20H45

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK20H45 TSC-SK20H45 Datasheet
197Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - SK20H45

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com