Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3539 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3539
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539 Datasheet(HTML) 4 Page - Linear Technology

  LTC3539_15 Datasheet HTML 1Page - Linear Technology LTC3539_15 Datasheet HTML 2Page - Linear Technology LTC3539_15 Datasheet HTML 3Page - Linear Technology LTC3539_15 Datasheet HTML 4Page - Linear Technology LTC3539_15 Datasheet HTML 5Page - Linear Technology LTC3539_15 Datasheet HTML 6Page - Linear Technology LTC3539_15 Datasheet HTML 7Page - Linear Technology LTC3539_15 Datasheet HTML 8Page - Linear Technology LTC3539_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC3539/LTC3539-2
4
35392fc
For more information www.linear.com/3539/3539-2
0.7
1.5
2.3
1.1
1.9
3.1
5.1
3.9 4.3 4.7
2.7
3.5
VIN (V)
2000
200
1800
1400
1000
600
1600
1200
800
400
0
3539 G05
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
L = 2.2µH
VIN (V)
200
20
180
140
100
60
160
120
80
40
0
3539 G04
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
0
2
4
1
3
5
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current and
VIN, VOUT = 5V
No Load Input Current vs VIN
Maximum Output Current vs VIN
0.1
1
10
100
1000
LOAD CURRENT (mA)
100
10
90
70
50
30
80
60
40
20
0
3539 G03
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
POWER LOSS
EFFICIENCY
0.1
100
1000
10
1
Minimum Load Resistance During
Start-Up vs VIN
Burst Mode Threshold Current
vs VIN; VOUT = 1.8V
0.65
0.85
1.05
0.75
0.95
1.15
VIN (V)
3539 G06
10000
1000
100
10
0.1
VOUT = 3.3V
(TA = 25°C unless otherwise noted)
Normalized Current Limit vs VOUT
VOUT (V)
1.10
1.05
0.95
0.85
1.00
0.90
0.80
3539 G08
1.0 1.5
2.5
2.0
3.5
5.0
4.5
3.0
4.0
0.7 0.8 0.9
1
1.1 1.2 1.3
1.5
1.4
VIN (V)
50
5
45
35
25
15
40
30
20
10
0
3539 G07a
COUT = 44µF
fSW = 1MHz
fSW = 2MHz
ENTER BURST
LEAVE BURST
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
VIN (V)
50
5
45
35
25
15
40
30
20
10
0
3539 G07b
COUT = 44µF
fSW = 1MHz
fSW = 2MHz
ENTER BURST
LEAVE BURST
0.7 0.9 1.1 1.3 1.5 1.7 1.9
2.7
2.3 2.5
2.1
VIN (V)
10
50
30
60
40
20
0
3539 G07c
COUT = 44µF
fSW = 1MHz
fSW = 2MHz
ENTER BURST
LEAVE BURST
0.7 1.1 1.5 1.9 2.3 2.7 3.1
4.3
3.9
3.5
VIN (V)
100
10
90
70
50
30
80
60
40
20
0
3539 G07d
COUT = 44µF
fSW = 1MHz
fSW = 2MHz
ENTER BURST
LEAVE BURST
Burst Mode Threshold Current
vs VIN; VOUT = 2.5V
Burst Mode Threshold Current
vs VIN; VOUT = 3.3V
Burst Mode Threshold Current
vs VIN; VOUT = 5V


Similar Part No. - LTC3539_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539-2 LINER-LTC3539-2 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539EDCB-2-PBF LINER-LTC3539EDCB-2-PBF Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539EDCB-2-TRPBF LINER-LTC3539EDCB-2-TRPBF Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3539_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539 Datasheet
171Kb / 12P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com