Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2609 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2609
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2609 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2609_15 Datasheet HTML 6Page - Linear Technology LTC2609_15 Datasheet HTML 7Page - Linear Technology LTC2609_15 Datasheet HTML 8Page - Linear Technology LTC2609_15 Datasheet HTML 9Page - Linear Technology LTC2609_15 Datasheet HTML 10Page - Linear Technology LTC2609_15 Datasheet HTML 11Page - Linear Technology LTC2609_15 Datasheet HTML 12Page - Linear Technology LTC2609_15 Datasheet HTML 13Page - Linear Technology LTC2609_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC2609/LTC2619/LTC2629
0
26091929fb
typical perFormance characteristics
Multiplying Bandwidth
Output Voltage Noise,
0.1Hz to 10Hz
LTC2609/LTC2619/LTC2629
Short-Circuit Output Current
vs VOUT (Sinking)
Short-Circuit Output Current
vs VOUT (Sourcing)
FREQUENCY (Hz)
1k
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
1M
2609 G29
10k
100k
VCC = 5V
VREF (DC) = 2V
VREF (AC) = 0.2VP-P
CODE = FULL SCALE
VOUT
10µV/DIV
SECONDS
0
1
2
3
4
5
6
7
8
9 10
2609 G30
1V/DIV
0
0
10
20
30
40
50
1
2
3
4
2609 G31
5
6
VCC = 5.5V
VREF = 5.6V
CODE = 0
VOUT SWEPT 0V TO VCC
1V/DIV
0
–50
–40
–30
–20
–10
0
1
2
3
4
2609 G32
5
6
VCC = 5.5V
VREF = 5.6V
CODE = FULL-SCALE
VOUT SWEPT VCC TO 0V


Similar Part No. - LTC2609_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2609CGN LINER-LTC2609CGN Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609CGN-1 LINER-LTC2609CGN-1 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609CGN-1PBF LINER-LTC2609CGN-1PBF Datasheet
251Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609CGN-1TRPBF LINER-LTC2609CGN-1TRPBF Datasheet
251Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609CGNPBF LINER-LTC2609CGNPBF Datasheet
251Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2609_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_09 Datasheet
251Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com