Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460KCS3-5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1460KCS3-5
Description  Family of Micropower Series References in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460KCS3-5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1460KCS3-5 Datasheet HTML 4Page - Linear Technology LT1460KCS3-5 Datasheet HTML 5Page - Linear Technology LT1460KCS3-5 Datasheet HTML 6Page - Linear Technology LT1460KCS3-5 Datasheet HTML 7Page - Linear Technology LT1460KCS3-5 Datasheet HTML 8Page - Linear Technology LT1460KCS3-5 Datasheet HTML 9Page - Linear Technology LT1460KCS3-5 Datasheet HTML 10Page - Linear Technology LT1460KCS3-5 Datasheet HTML 11Page - Linear Technology LT1460KCS3-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1460S3 (SOT-23)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Dimensions in millimeters (inches) unless otherwise noted.
PACKAGE DESCRIPTION
S3 Package
3-Lead Plastic SOT-23
(LTC DWG # 05-08-1631)
0.95
0.037
BSC
1.20 – 1.40
(0.047 – 0.060)
0.55
(0.022)
0.37 – 0.51
(0.015 – 0.020)
SOT-23 0599
2.80 – 3.04
(0.110 – 0.120)
1.92
0.075
BSC
0.89 – 1.12
(0.035 – 0.044)
0.013 – 0.10
(0.0005 – 0.004)
0.09 – 0.18
(0.004 – 0.007)
0.45 – 0.60
(0.017 – 0.024)
2.10 – 2.64
(0.083 – 0.104)
REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. JEDEC REFERENCE IS TO-236 VARIATION AB


Similar Part No. - LT1460KCS3-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460KCS3-5 LINER-LT1460KCS3-5 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460KCS3-5-TRMPBF LINER-LT1460KCS3-5-TRMPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460KCS3-5-TRPBF LINER-LT1460KCS3-5-TRPBF Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
More results

Similar Description - LT1460KCS3-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com