Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFAF508G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SFAF508G
Description  Isolated Glass Passivated Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF508G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SFAF508G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF508G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SFAF508G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SFAF508G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
4.30
4.70
0.169
0.185
B
2.50
3.10
0.098
0.122
C
2.30
2.90
0.091
0.114
D
0.46
0.76
0.018
0.030
E
6.30
6.90
0.248
0.272
F
9.60
10.30
0.378
0.406
G
3.00
3.40
0.118
0.134
H
0.00
1.60
0.000
0.063
I
0.95
1.45
0.037
0.057
J
0.50
0.90
0.020
0.035
K
2.40
3.20
0.094
0.126
L
14.80
15.50
0.583
0.610
M
-
4.10
-
0.161
N
-
1.80
-
0.071
O
12.60
13.80
0.496
0.543
P
4.95
5.20
0.195
0.205
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1405028
Version: G14
MARKING DIAGRAM
SFAF501G thru SFAF508G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
40
50
60
70
80
90
100
1
10
100
1000
REVERSE VOLTAGE. (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - SFAF508G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF508G TSC-SFAF508G Datasheet
272Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
SFAF508G TSC-SFAF508G Datasheet
628Kb / 2P
   Isolated 5.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Rugao Dachang Electroni...
SFAF508G DACHANG-SFAF508G Datasheet
147Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 5.0 A
logo
Shenzhen Luguang Electr...
SFAF508G LUGUANG-SFAF508G Datasheet
223Kb / 2P
   Isolated 5.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAF508G TSC-SFAF508G Datasheet
425Kb / 3P
   5.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFAF508G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFAF2001G TSC-SFAF2001G_14 Datasheet
392Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFF1001G TSC-SFF1001G_14 Datasheet
400Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFF1601G TSC-SFF1601G_14 Datasheet
401Kb / 4P
   Isolated Glass Passivated Super Fast Rectifiers
SFAF1601G TSC-SFAF1601G_13 Datasheet
420Kb / 3P
   16.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF801G TSC-SFAF801G_13 Datasheet
419Kb / 3P
   8.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_11 Datasheet
197Kb / 2P
   20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SFAF801G LUGUANG-SFAF801G Datasheet
218Kb / 2P
   Isolated 8.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SFAF1001G TSC-SFAF1001G_14 Datasheet
423Kb / 3P
   10.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF501G TSC-SFAF501G_13 Datasheet
425Kb / 3P
   5.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
SFAF2001G TSC-SFAF2001G_13 Datasheet
426Kb / 3P
   20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com