Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1490A Datasheet(PDF) 5 Page - Linear Technology

Part # LT1490A
Description  Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490A Datasheet(HTML) 5 Page - Linear Technology

  LT1490A Datasheet HTML 1Page - Linear Technology LT1490A Datasheet HTML 2Page - Linear Technology LT1490A Datasheet HTML 3Page - Linear Technology LT1490A Datasheet HTML 4Page - Linear Technology LT1490A Datasheet HTML 5Page - Linear Technology LT1490A Datasheet HTML 6Page - Linear Technology LT1490A Datasheet HTML 7Page - Linear Technology LT1490A Datasheet HTML 8Page - Linear Technology LT1490A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1490A
TOTAL SUPPLY VOLTAGE (V)
0
0
10
30
40
50
70
10
20
25
45
1490A G01
20
80
60
515
30
35
40
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current vs Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
0
200
400
4
1490A G02
0
–200
100
300
–100
–300
– 400
1
2
3
5
TA = 25°C
TA = 125°C
TA = –55°C
Minimum Supply Voltage
Input Bias Current
vs Common Mode Voltage
Output Saturation Voltage
vs Input Overdrive
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
0.1Hz to 10Hz Noise Voltage
FREQUENCY (Hz)
1
40
50
60
70
10
100
1k
1490A G08
30
80
FREQUENCY (Hz)
1
10
100
1k
1490A G09
0.20
0.25
0.30
0.35
0.15
0.10
0.05
0
TIME (SEC)
24
6
8
1490A G07
10
1
03
5
7
9
VS = ±2.5V
Noise Voltage Density
vs Frequency
Input Noise Current vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
COMMON MODE VOLTAGE (V)
4.0
5000
3000
1000
30
20
10
0
–10
5.6
1490A G03
4.4
4.8
5.2
44
TA = –55°C
TA = 25°C
TA = 125°C
VS = 5V, 0V
SOURCING LOAD CURRENT (A)
1
µ
100m
10m
1490A G04
10m
10
µ
100
µ
1m
100m
1
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C
SINKING LOAD CURRENT (A)
0.1
µ
1m
10m
100m
1
1
µ
10
µ
100
µ
1m
1490A G05
10m
100m
TA = 125°C
VS = 5V, 0V
TA = 25°C
TA = –55°C
INPUT OVERDRIVE (mV)
0
60
80
100
40
1490A G06
40
20
50
70
90
30
10
0
10
20
30
50
OUTPUT HIGH
OUTPUT LOW
VS = 5V, 0V
NO LOAD


Similar Part No. - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1490A LINER-LT1490A Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1490A LINER-LT1490A Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1637 LINER-LT1637_15 Datasheet
362Kb / 16P
   1.1MHz, 0.4V/s Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com