Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0063E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0063E
Description  ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0063E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0063E_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0063E_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR2UF1.8 and SMS
SDR2UF2.0 and SMS
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Breakdown Voltage
(IR = 50 μA, TA = 25
oC,
300
μsec minimum Pulse)
SDR2UF1.8 & SMS
SDR2UF2.0 & SMS
BVR
––
––
1800
2000
Volts
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300 – 500
μsec Pulse)
IF1 =1 A
IF2 =2 A
VF1
VF2
––
––
3.60
4.20
Volts
Volts
Instantaneous Forward Voltage Drop
(TA = -55
oC, 300 – 500
μsec Pulse)
IF3 =1 A
IF4 =2 A
VF3
VF4
––
––
3.80
4.60
Volts
Volts
Reverse Leakage Current
(VR =85% rated VR, 300μsec minimum Pulse)
TA = 25
oC
TA = 100
oC
IR1
IR2
––
––
1.5
200
μA
μA
Junction Capacitance
(VR = 50 VDC, TA = 25
oC, f = 1 MHz)
CJ
––
20
pF
Reverse Recovery Time
(IF =500 mA, IR =1 A, IRR =250 mA, TA = 25
oC)
trr
––
70
ns
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.170”
B
0.240”
0.270”
C
0.045”
0.051”
D
1.00”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.195”
0.205”
B
0.290”
0.330”
C
0.020”
0.030”
D
0.002”
––
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0063E
DOC


Similar Part No. - RC0063E_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0063E SSDI-RC0063E Datasheet
127Kb / 2P
   RECTIFIER
More results

Similar Description - RC0063E_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com