Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1464 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1464
Description  Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1464 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1464 Datasheet HTML 2Page - Linear Technology LT1464 Datasheet HTML 3Page - Linear Technology LT1464 Datasheet HTML 4Page - Linear Technology LT1464 Datasheet HTML 5Page - Linear Technology LT1464 Datasheet HTML 6Page - Linear Technology LT1464 Datasheet HTML 7Page - Linear Technology LT1464 Datasheet HTML 8Page - Linear Technology LT1464 Datasheet HTML 9Page - Linear Technology LT1464 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1464/LT1465
TYPICAL PERFORMANCE CHARACTERISTICS
Power Supply Rejection Ratio vs
Frequency
Gain and Phase vs Frequency
FREQUENCY (MHz)
0.01
70
60
50
40
30
20
10
0
–10
120
100
80
60
40
20
0
–20
–40
0.1
1
10
LT1464 • TPC10
VS = ±15V
TA = 25°C
GAIN
PHASE
PHASE MARGIN = 66
°,
CL = 10pF
FREQUENCY (Hz)
10
120
100
80
60
40
20
0
100
1k
10k
100k
LT1464 • TPC12
1M
NEGATIVE
SUPPLY
POSITIVE
SUPPLY
TA = 25°C
Common Mode Rejection Ratio vs
Frequency
FREQUENCY (Hz)
10
100
80
60
40
20
0
10k
LT1464 • TPC11
100
1k
10k
1M
VS = ±15V
TA = 25°C
Closed-Loop Output Impedance
Phase Margin vs CLOAD
CAPACITIVE LOAD (pF)
1
0
10
30
40
50
100
70
10
1000
100
LT1464 • TPC13
20
80
90
60
10000
VS = ±15V
TA = 25°C
FREQUENCY (Hz)
10
0.1
1
10
100
1000
100
1k
10k
100k
LT1464 • TPC15
1M
10M
CL = 10nF
CL = 1000pF
CL = 0pF
VS = ±15V
TA = 25°C
AV = 1
Small-Signal Response,
VS = ±5V, ±15V, CLOAD = 1000pF
Large-Signal Response,
VS = ±15V
0V
AV = 1
20
µs/DIV
C
L = 10pF
0V
AV = 1
5
µs/DIV
C
L = 1000pF
LT1464 • TPC16
LT1464 • TPC18
Common Mode and Power Supply
Rejections vs Temperature
TEMPERATURE (
°C)
–75
70
75
80
85
90
–25
25
75
125
LT1464 • TPC14
95
100
–50
0
50
100
VS = ±2.5V TO ±20V FOR PSRR
VS = ±15V, VCM = –12V TO 15V FOR CMRR
PSRR
CMRR
Small-Signal Response,
VS = ±5V, ±15V
0V
AV = 1
0.5
µs/DIV
C
L = 10pF
LT1464 • TPC17


Similar Part No. - LT1464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1464 LINER-LT1464 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1464 LINER-LT1464_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
More results

Similar Description - LT1464

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1464 LINER-LT1464_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1465 LINER-LT1465_15 Datasheet
283Kb / 12P
   Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps
LT1463 LINER-LT1463_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260W C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462 Datasheet
309Kb / 12P
   Dual/Quad Micropower, 260uW C-Load Picoampere Bias Current JFET Input Op Amps
LT1462 LINER-LT1462_15 Datasheet
286Kb / 12P
   Dual/Quad Micropower, 260mW C-Load Picoampere Bias Current JFET Input Op Amps
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com