Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1667 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1667
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667 Datasheet(HTML) 3 Page - Linear Technology

  LTC1667_15 Datasheet HTML 1Page - Linear Technology LTC1667_15 Datasheet HTML 2Page - Linear Technology LTC1667_15 Datasheet HTML 3Page - Linear Technology LTC1667_15 Datasheet HTML 4Page - Linear Technology LTC1667_15 Datasheet HTML 5Page - Linear Technology LTC1667_15 Datasheet HTML 6Page - Linear Technology LTC1667_15 Datasheet HTML 7Page - Linear Technology LTC1667_15 Datasheet HTML 8Page - Linear Technology LTC1667_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1666/LTC1667/LTC1668
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 5V, VSS = – 5V, LADCOM = AGND = DGND = 0V, IOUTFS = 10mA.
ELECTRICAL CHARACTERISTICS
LTC1666
LTC1667
LTC1668
SYMBOL PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Accuracy (Measured at IOUT A, Driving a Virtual Ground)
Resolution
q
12
14
16
Bits
Monotonicity
12
14
14
Bits
INL
Integral Nonlinearity
(Note 2)
±1
±2
±8
LSB
DNL
Differential Nonlinearity
(Note 2)
±1
±1
±1
±4
LSB
Offset Error
0.1
±0.2
0.1
±0.2
0.1
±0.2
% FSR
Offset Error Drift
5
5
5
ppm/
°C
GE
Gain Error
Internal Reference, RIREFIN = 2k
2
2
2
% FSR
External Reference,
1
1
1
% FSR
VREF = 2.5V, RIREFIN = 2k
Gain Error Drift
Internal Reference
50
50
50
ppm/
°C
External Reference
30
30
30
ppm/
°C
PSRR
Power Supply
VDD = 5V ±5%
±0.1
±0.1
±0.1 % FSR/V
Rejection Ratio
VSS = – 5V ±5%
±0.2
±0.2
±0.2 % FSR/V
AC Linearity
SFDR
Spurious Free Dynamic
fCLK = 25Msps, fOUT = 1MHz
Range to Nyquist
0dB FS Output
76
78
78
87
dB
– 6dB FS Output
87
dB
–12dB FS Output
83
dB
fCLK = 50Msps, fOUT = 1MHz
85
dB
fCLK = 50Msps, fOUT = 2.5MHz
81
dB
fCLK = 50Msps, fOUT = 5MHz
79
dB
fCLK = 50Msps, fOUT = 20MHz
70
dB
Spurious Free Dynamic
fCLK = 25Msps,
85
86
86
96
dB
Range Within a Window
fOUT = 1MHz, 2MHz Span
fCLK = 50Msps,
88
dB
fOUT = 5MHz, 4MHz Span
THD
Total Harmonic Distortion fCLK = 25Msps, fOUT = 1MHz
–75
–77
– 84
– 77
dB
fCLK = 50Msps, fOUT = 5MHz
– 78
dB


Similar Part No. - LTC1667_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1667CG LINER-LTC1667CG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667IG LINER-LTC1667IG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1667_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
   16-Bit, 50Msps DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com