Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1667 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1667
Description  12-Bit, 14-Bit, 16-Bit, 50Msps DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1667 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1667_15 Datasheet HTML 6Page - Linear Technology LTC1667_15 Datasheet HTML 7Page - Linear Technology LTC1667_15 Datasheet HTML 8Page - Linear Technology LTC1667_15 Datasheet HTML 9Page - Linear Technology LTC1667_15 Datasheet HTML 10Page - Linear Technology LTC1667_15 Datasheet HTML 11Page - Linear Technology LTC1667_15 Datasheet HTML 12Page - Linear Technology LTC1667_15 Datasheet HTML 13Page - Linear Technology LTC1667_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1666/LTC1667/LTC1668
BLOCK DIAGRA
TI I G DIAGRA
1666/7/8 TD
tDS
tDH
CLK
N – 1
N – 1
N
N
N + 1
DATA
INPUT
IOUT A/IOUT B
tCLKL
tCLKH
tPD
0.1%
tST
+
IFS/8
IREFIN
IINT
RSET
2k
0.1
µF
0.1
µF
0.1
µF
–5V
0.1
µF
REFOUT
VREF
15
16
COMP1
21
COMP2
VSS
22
23
2.5V
REFERENCE
ATTENUATOR
LADDER
LSB SWITCHES
INPUT LATCHES
CLOCK
INPUT
16-BIT
DATA INPUT
SEGMENTED SWITCHES
FOR DB15–DB12
CURRENT SOURCE ARRAY
AGND
17
DGND
24
CLK
DB0
DB15
• • •
• • •
• • •
• • •
26
27
14
1668 BD
18
LADCOM
20
IOUT A
19
IOUT B
52.3
Ω 52.3Ω
VOUT
1VP-P
DIFFERENTIAL
+
0.1
µF
25
5V
VDD
LTC1668


Similar Part No. - LTC1667_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1667CG LINER-LTC1667CG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667IG LINER-LTC1667IG Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results

Similar Description - LTC1667_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
   14-Bit, 50Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
   12-Bit, 50Msps ADC
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
   16-Bit, 50Msps DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com