Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF28A0 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SF28A0
Description  Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF28A0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SF28A0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF28A0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF28A0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF28A0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
SF28
SF28
(TA=25℃ unless otherwise noted)
Document Number: DS_D1401008
Version: F14
PACKING
R0
DO-15
B0
SF21 thru SF28
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
DO-15
Note 1: "xx" defines voltage from 50V (SF21) to 600V (SF28)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
SF2x
(Note 1)
A0
Suffix "G"
DO-15
RATINGS AND CHARACTERISTICS CURVES
SF28 A0
A0
SF28 A0G
A0
G
Green compound
DESCRIPTION
1,000 / Bulk packing
3,500 / 13" Paper reel
1,500 / Ammo box
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
255075
100
125
150
175
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
10
20
30
40
50
60
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
SF27~SF28
Pulse Width=300us
1% Duty Cycle
SF25~SF2
SF21~SF24


Similar Part No. - SF28A0

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SF28 NIUHANG-SF28 Datasheet
1Mb / 3P
   SUPER FAST RECTIFIERS
logo
Mospec Semiconductor
SF28 MOSPEC-SF28 Datasheet
129Kb / 2P
   POWER RECTIFIERS(2.0A,500-1000V)
logo
Shanghai Shunye Electro...
SF28 SHUNYE-SF28 Datasheet
201Kb / 2P
   SUPER FAST RECTIFIER
logo
SynSemi, Inc.
SF28 SYNSEMI-SF28 Datasheet
35Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
SF28 TAYCHIPST-SF28 Datasheet
877Kb / 2P
   SUPER FAST RECTIFIERS
More results

Similar Description - SF28A0

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com