Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF26 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF26
Description  Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF26 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF26 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF26 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF26 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF26 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
150
200
300
400
500
600
V
VRMS
35
70
105
140
210
280
350
420
V
VDC
50
100
150
200
300
400
500
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1401008
Version: F14
SF21 thru SF28
Taiwan Semiconductor
Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-204AC (DO-15)
DO-204AC (DO-15)
Weight:
0.4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
SF
21
SF
22
SF
23
SF
24
SF
25
SF
26
SF
27
SF
28
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=100℃
IR
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
μA
- 55 to +125
Operating junction temperature range
Storage temperature range
- 55 to +150
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Maximum reverse recovery time (Note 2)
35
Typical thermal resistance
65
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
0.95
1.3
1.7
5
100
Typical junction capacitance (Note 3)
40
30


Similar Part No. - SF26

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF26 MCC-SF26 Datasheet
189Kb / 4P
   2.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
Mospec Semiconductor
SF26 MOSPEC-SF26 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
Jinan Jing Heng Electro...
SF26 JINGHENG-SF26 Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
SF26 MCC-SF26 Datasheet
94Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
SynSemi, Inc.
SF26 SYNSEMI-SF26 Datasheet
35Kb / 2P
   SUPER FAST RECTIFIER DIODES
More results

Similar Description - SF26

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com