Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1460S3 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1460S3
Description  Family of Micropower Series References in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1460S3 Datasheet(HTML) 4 Page - Linear Technology

  LT1460S3 Datasheet HTML 1Page - Linear Technology LT1460S3 Datasheet HTML 2Page - Linear Technology LT1460S3 Datasheet HTML 3Page - Linear Technology LT1460S3 Datasheet HTML 4Page - Linear Technology LT1460S3 Datasheet HTML 5Page - Linear Technology LT1460S3 Datasheet HTML 6Page - Linear Technology LT1460S3 Datasheet HTML 7Page - Linear Technology LT1460S3 Datasheet HTML 8Page - Linear Technology LT1460S3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1460S3 (SOT-23)
TYPICAL PERFORMANCE CHARACTERISTICS
2.5V Minimum Input-Output
Voltage Differential
2.5V Load Regulation, Sourcing
2.5V Load Regulation, Sinking
ELECTRICAL CHARACTERISTICS
Note 6: Load regulation is measured on a pulse basis from no load to the
specified load current. Output changes due to die temperature change
must be taken into account separately.
Note 7: Thermal regulation is caused by die temperature gradients created
by load current or input voltage changes. This effect must be added to
normal line or load regulation. This parameter is not 100% tested.
Note 8: Excludes load regulation errors.
Note 9: Peak-to-peak noise is measured with a single pole highpass filter
at 0.1Hz and 2-pole lowpass filter at 10Hz. The unit is enclosed in a still-air
environment to eliminate thermocouple effects on the leads. The test time
is 10 sec. RMS noise is measured with a single pole highpass filter at
10Hz and a 2-pole lowpass filter at 1kHz. The resulting output is full wave
rectified and then integrated for a fixed period, making the final reading an
average as opposed to RMS. A correction factor of 1.1 is used to convert
from average to RMS and a second correction of 0.88 is used to correct
for the nonideal bandpass of the filters.
Note 10: Long-term stability typically has a logarithmic characteristic and
therefore, changes after 1000 hours tend to be much smaller than before
that time. Total drift in the second thousand hours is normally less than
one third that of the first thousand hours with a continuing trend toward
reduced drift with time. Long-term stability will also be affected by
differential stresses between the IC and the board material created during
board assembly.
Note 11: Hysteresis in output voltage is created by package stress that
differs depending on whether the IC was previously at a higher or lower
temperature. Output voltage is always measured at 25
°C, but the IC is
cycled to 70
°C or 0°C before successive measurements. Hysteresis is
roughly proportional to the square of the temperature change. Hysteresis
is not normally a problem for operational temperature excursions where
the instrument might be stored at high or low temperature. See
Applications Information.
Characteristic curves are similar for most
LT1460S3s. Curves from the LT1460S3-2.5 and the LT1460-10 represent the extremes of the voltage options. Characteristic curves for
other output voltages fall between these curves, and can be estimated based on their voltage output.
INPUT-OUTPUT VOLTAGE (V)
0
0.1
10
125
°C
25
°C
100
0.5
1.0
1.5
2.0
2.5
1460S3 G01
1
–55
°C
OUTPUT CURRENT (mA)
0.1
– 2.0
– 1.0
0
1
10
100
1460s3 G02
– 3.0
– 2.5
– 1.5
– 0.5
– 3.5
– 4.0
–55
°C
25
°C
125
°C
OUTPUT CURRENT (mA)
0
0
20
40
60
80
100
120
123
4
–55
°C
1460S3 G03
5
125
°C
25
°C


Similar Part No. - LT1460S3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1460 LINER-LT1460 Datasheet
514Kb / 24P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
1Mb / 26P
   Micropower Precision Series Reference Family
LT1460 LINER-LT1460 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT1460 LINEAR-LT1460 Datasheet
105Kb / 8P
   2.5V Reference
LT1460 LINEAR-LT1460 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
More results

Similar Description - LT1460S3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
   Micropower SOT-23 Low Dropout Reference Family
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
   Micropower SOT-23 Low Dropout Reference Family
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com