Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF16G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # SF16G
Description  Glass Passivated Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF16G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF16G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF16G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF16G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF16G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1401007
Version: F14
MARKING DIAGRAM
SF11G thru SF18G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
SF15G-SF18G
SF11G-SF14G
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - SF16G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF16G JGD-SF16G Datasheet
168Kb / 2P
   1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Jinan Jing Heng Electro...
SF16G JINGHENG-SF16G Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF16G TSC-SF16G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Diode Semiconductor Kor...
SF16G DSK-SF16G Datasheet
277Kb / 2P
   SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF16G TSC-SF16G Datasheet
261Kb / 2P
   1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF16G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
   Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805 SSC-MUR805 Datasheet
280Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com