Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1276 Datasheet(PDF) 24 Page - Linear Technology

Part No. LTC1276
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo LINER - Linear Technology

LTC1276 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1276_15 Datasheet HTML 16Page - Linear Technology LTC1276_15 Datasheet HTML 17Page - Linear Technology LTC1276_15 Datasheet HTML 18Page - Linear Technology LTC1276_15 Datasheet HTML 19Page - Linear Technology LTC1276_15 Datasheet HTML 20Page - Linear Technology LTC1276_15 Datasheet HTML 21Page - Linear Technology LTC1276_15 Datasheet HTML 22Page - Linear Technology LTC1276_15 Datasheet HTML 23Page - Linear Technology LTC1276_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1273
LTC1275/LTC1276
127356fa
©LINEAR TECHNOLOGY CORPORATION 1993
LT 0107 REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1272-3
12-Bit, 250ksps ADC
5V Single Supply, Internal Reference, AD7572 Pinout
LTC1278-4
12-Bit, 400ksps, Single Channel ADC
5V or
±5V Supplies, 0V to 5V or ±2.5V Input Range
LTC1278-5
12-Bit, 500ksps, Single Channel ADC
5V or
±5V Supplies, 0V to 5V or ±2.5V Input Range
LTC1403/LTC1403-1
12-Bit, 2.8Msps, Single Channel ADC
3V Single Supply, 14mW, 10-Pin MSOP Package
LT1460
Micropower Precision Series Reference
130
µA Supply Current, 10ppm/°C, SOT-23 Package
LT1790
Micropower Low Dropout Reference
60
µA Supply Current, 10ppm/°C, SOT-23 Package
LTC1860
12-Bit, 250ksps, Single Channel ADC
5V Single Supply, 4.25mW, 10-Pin MSOP Package
LTC1864
16-Bit, 250ksps, Single Channel ADC
5V Single Supply, 4.25mW, 10-Pin MSOP Package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn