Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC1276 Datasheet(PDF) 22 Page - Linear Technology

Part No. LTC1276
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1276 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1276_15 Datasheet HTML 16Page - Linear Technology LTC1276_15 Datasheet HTML 17Page - Linear Technology LTC1276_15 Datasheet HTML 18Page - Linear Technology LTC1276_15 Datasheet HTML 19Page - Linear Technology LTC1276_15 Datasheet HTML 20Page - Linear Technology LTC1276_15 Datasheet HTML 21Page - Linear Technology LTC1276_15 Datasheet HTML 22Page - Linear Technology LTC1276_15 Datasheet HTML 23Page - Linear Technology LTC1276_15 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
LTC1273
LTC1275/LTC1276
127356fa
S
APPLICATI
I FOR ATIO
Figure 26.
∆Time Measurement with the LTC1273
VSS GND
AIN
REFOUT
VDD
LTC1273
CS
RD BUSY
12-BIT
DATA OUTPUT
10
µF
2N2369
20k
400k
250pF
POLYSTYRENE
620
2N5771
65
7V
5V
74HC03
65
45.3
45.3
1N457
LM134
D
CLK
Q
Q
CLR
D
CLK
Q
Q
CLR
1k
5V
5V
START
5V
STOP
DATA LATCH
SIGNAL
10
µF
1k
5V
100k
1N4148
0.001
µF
10k
1N457
74HC74
10pF
1k
1N4148
100pF
10k
LTC1273/75/76 • F26
2N2369


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn