Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HV-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6703HV-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HV-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6703HV-2_15 Datasheet HTML 4Page - Linear Technology LT6703HV-2_15 Datasheet HTML 5Page - Linear Technology LT6703HV-2_15 Datasheet HTML 6Page - Linear Technology LT6703HV-2_15 Datasheet HTML 7Page - Linear Technology LT6703HV-2_15 Datasheet HTML 8Page - Linear Technology LT6703HV-2_15 Datasheet HTML 9Page - Linear Technology LT6703HV-2_15 Datasheet HTML 10Page - Linear Technology LT6703HV-2_15 Datasheet HTML 11Page - Linear Technology LT6703HV-2_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
8
670323fd
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
vs Output Sink Current
Supply Current
vs Output Sink Current
Supply Current
vs Output Sink Current
Minimum Supply Voltage
Quiescent Supply Current
vs Supply Voltage
Start-Up Supply Current
Hysteresis vs Temperature
Hysteresis vs Temperature
Hysteresis vs Supply Voltage
TEMPERATURE (°C)
–60 –40
6
7
8
100 120
670323 G07
5
4
–20
0
20406080
3
10
9
2
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TEMPERATURE (°C)
–60 –40
6
7
8
100 120
670323 G08
5
4
–20
0
20406080
3
10
9
2
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
SUPPLY VOLTAGE (V)
6
7
8
670323 G09
5
4
24
16
14
18
6
810
12
3
10
9
2
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
SUPPLY VOLTAGE (V)
–5
–3
–1
1
–4
–2
0
1.3
1.7
670323 G10
1.9
1.1
0.9
1.5
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
SUPPLY VOLTAGE (V)
1.4
3.4
6
7
8
15.4
13.4
17.4
670323 G11
5
4
5.4
7.4
9.4 11.4
10
9
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
NO LOAD CURRENT
SUPPLY VOLTAGE (V)
0
30
40
50
0.8
670323 G12
20
10
0
0.2
0.4
0.6
1.0
1.2
1.4
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G13
1
0.01
1000
100
TA = –40°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G14
1
0.01
1000
100
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G15
1
0.01
1000
100
TA = 85°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V


Similar Part No. - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HV-2 LINER-LT6703HV-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HV-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com