Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0189A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0189A
Description  SAW Filter 942.5 MHz 35MHz Bw SMD 3.0SQ mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0189A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0189A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0189A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. RECOMMENDED REFLOW PROFILE :
1. Preheating shall be fixed at 150~180℃ for 60~90 seconds.
2. Ascending time to preheating temperature 150℃ shall be 30 seconds min.
3. Heating shall be fixed at 220℃ for 50~80 seconds and at 245~260℃ peak (min. 10sec).
4. Time : 2 times.


Similar Part No. - TA0189A

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA018-019-48-43 TRANSCOM-TA018-019-48-43 Datasheet
34Kb / 1P
   PHS Band 8 Watt Amplifier
TA018-019-51-46 TRANSCOM-TA018-019-51-46 Datasheet
34Kb / 1P
   PHS Band 16 Watt Amplifier
logo
TAI-SAW TECHNOLOGY CO.,...
TA0181A TAI-SAW-TA0181A Datasheet
284Kb / 5P
   SAW Filter 171MHz
logo
Golledge Electronics Lt...
TA0181A GOLLEDGE-TA0181A Datasheet
120Kb / 4P
   SAW Filter 171MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183A TAI-SAW-TA0183A Datasheet
785Kb / 6P
   SAW Filter 836.5MHz SMD 2.5횞2.0mm
More results

Similar Description - TA0189A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2617A TAI-SAW-TA2617A Datasheet
545Kb / 8P
   SAW Filter 1133 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA1405C TAI-SAW-TA1405C Datasheet
398Kb / 7P
   SAW Filter 1542.5 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA2016A TAI-SAW-TA2016A Datasheet
422Kb / 7P
   SAW Filter 876.5 MHz (BW 35MHz) SMD 1.1x0.9x0.5mm
TA2433A TAI-SAW-TA2433A Datasheet
396Kb / 7P
   SAW Filter 942.5MHz SMD 3.0횞3.0 mm (BW=35MHz)
TA0229A TAI-SAW-TA0229A Datasheet
142Kb / 7P
   SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0229B TAI-SAW-TA0229B Datasheet
401Kb / 7P
   SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA942FG TAI-SAW-TA942FG Datasheet
450Kb / 6P
   SAW Filter 942.5 MHz SMD 3X3 mm
TA942GG TAI-SAW-TA942GG Datasheet
441Kb / 6P
   SAW Filter 942.5 MHz SMD 3X3 mm
TA1839A TAI-SAW-TA1839A Datasheet
543Kb / 9P
   SAW Filter 942.5 MHz Band 8 Rx SMD 1.1x0.9 mm (BW=35 MHz)
TB0989A TAI-SAW-TB0989A Datasheet
413Kb / 7P
   SAW Filter 467.5 MHz(BW=35MHz) 5.0x5.0mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com