Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB521S-30 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # RB521S-30
Description  200mW, Low VF SMD Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

RB521S-30 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  RB521S-30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd RB521S-30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd RB521S-30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd RB521S-30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd RB521S-30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
0.70
0.90
0.028
0.035
B
1.50
1.70
0.059
0.067
C
0.25
0.40
0.010
0.016
D
1.10
1.30
0.043
0.051
E
0.50
0.77
0.020
0.030
F
0.07
0.20
0.003
0.008
SUGGEST PAD LAYOUT
X
X1
Y
Document Number: DS_S1411001
Version: B14
0.091
0.031
DIM.
Unit (mm)
Unit (inch)
Typ.
0.60
2.30
RB521S-30
Taiwan Semiconductor
SOD-523F
DIM.
Unit (mm)
Unit (inch)
Typ.
0.80
0.024


Similar Part No. - RB521S-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521S-30 ROHM-RB521S-30 Datasheet
34Kb / 3P
   Schottky barrier diode
logo
List of Unclassifed Man...
RB521S-30 ETC2-RB521S-30 Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Jiangsu High diode Semi...
RB521S-30 HDSEMI-RB521S-30 Datasheet
1Mb / 4P
   SOD-523 Plastic-Encapsulate Diodes
logo
TRANSYS Electronics Lim...
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
logo
MAKO SEMICONDUCTOR CO.,...
RB521S-30 MAKOSEMI-RB521S-30 Datasheet
86Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

Similar Description - RB521S-30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB751V-40WS TSC-RB751V-40WS Datasheet
155Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS_14 Datasheet
99Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40 Datasheet
242Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS TSC-B0530WS Datasheet
82Kb / 2P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40 Datasheet
95Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30_14 Datasheet
138Kb / 5P
   200mW, Low VF SMD Schottky Barrier Diode
B0530WS_1005 TSC-B0530WS_1005 Datasheet
171Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
BAS40 TSC-BAS40_11 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
RB751V-40 TSC-RB751V-40_14 Datasheet
206Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
RB520S-30 TSC-RB520S-30 Datasheet
295Kb / 3P
   200mW, Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com