Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4148CC Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD4148CC
Description  SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD4148CC Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MMBD4148CC Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBD4148CC Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: DS_S1408006
Version: B14
MMBD4148/CA/CC/SE
Taiwan Semiconductor
Small Signal Product
0.001
0.01
0.1
1
00.5
1
1.5
VF, Instantaneous Forward Voltage (V)
Fig. 2 Forward Characteristics
TA=150oC
TA=75oC
TA=25oC
TA=0oC
TA= -40oC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
203040
VR, Reverse Voltage (V)
Fig. 4 Typical Capacitance vs. Reverse Voltage
0.1
1
10
100
1000
10000
0
20406080
100
VR, Instantaneous Reverse Voltage (V)
Fig. 3 Typical Reverse Characteristics
TA=-40oC
TA=0oC
TA=25oC
TA=75oC
TA=150oC
TA=125oC
0
100
200
300
400
500
0
100
200
TA, Ambient Temperature (oC)
Fig. 1 Power Derating Curve
f=1.0 MHz


Similar Part No. - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148CC FAIRCHILD-MMBD4148CC Datasheet
63Kb / 4P
   Small Signal Diode
logo
Guangdong Kexin Industr...
MMBD4148CC KEXIN-MMBD4148CC Datasheet
935Kb / 2P
   Switching Diodes
logo
Shanghai Leiditech Elec...
MMBD4148CC LEIDITECH-MMBD4148CC Datasheet
840Kb / 3P
   Surface mount switching diode
logo
Micro Commercial Compon...
MMBD4148CC MCC-MMBD4148CC Datasheet
106Kb / 2P
   High Conductance Ultra Fast Diode 350mW
logo
Diode Semiconductor Kor...
MMBD4148CC DSK-MMBD4148CC Datasheet
247Kb / 3P
   Surface mount switching diode
More results

Similar Description - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
   SMD Switching Diode
logo
Comchip Technology
CDSF4148 COMCHIP-CDSF4148 Datasheet
71Kb / 2P
   SMD Switching Diode
CDSF355 COMCHIP-CDSF355 Datasheet
70Kb / 2P
   SMD Switching Diode
CDSER400B-HF COMCHIP-CDSER400B-HF Datasheet
124Kb / 4P
   SMD Switching Diode
CDSF355BS-HF COMCHIP-CDSF355BS-HF Datasheet
126Kb / 4P
   SMD Switching Diode
ACDSV4148-G COMCHIP-ACDSV4148-G Datasheet
102Kb / 4P
   SMD Switching Diode
QW-A8011 COMCHIP-QW-A8011 Datasheet
153Kb / 2P
   SMD Switching Diode
CDSF4448-HF COMCHIP-CDSF4448-HF Datasheet
127Kb / 4P
   SMD Switching Diode
ACDSW4148-G COMCHIP-ACDSW4148-G Datasheet
139Kb / 4P
   SMD Switching Diode
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
   SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
   SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com