Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD3004 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # MMBD3004
Description  350mW, SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMBD3004 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  MMBD3004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMBD3004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMBD3004 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MMBD3004 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
SUGGEST PAD LAYOUT
Z
X
Y
C
E
PIN CONFIGURATION
MARKING
Marking
HC
RA
PZ
PY
Document Number: DS_S1501010
Version: B15
1.0
0.039
ORDER INFORMATION (EXAMPLE)
Part No.
SOT-23
0.7
0.028
0.9
0.035
1.9
0.075
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.8
0.110
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF
0.004 REF
MMBD3004
MMBD3004CA
MMBD3004CC
MMBD3004SE
MMBD3004/CA/CC/SE
Taiwan Semiconductor
Small Signal Product
MMBD3004 RFG
Green compound code
Packing code
Part no.


Similar Part No. - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004 DIODES-MMBD3004 Datasheet
165Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30353 Rev. 2 - 2
logo
Weitron Technology
MMBD3004 WEITRON-MMBD3004 Datasheet
346Kb / 3P
   Surface Mount Switching Diode
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
   350mW SMD Switching Diode
logo
SEMTECH ELECTRONICS LTD...
MMBD3004 SEMTECH_ELEC-MMBD3004 Datasheet
285Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
More results

Similar Description - MMBD3004

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MMBD3004 TSC-MMBD3004 Datasheet
148Kb / 3P
   350mW SMD Switching Diode
MMBD4148 TSC-MMBD4148_11 Datasheet
328Kb / 3P
   350mW SMD Switching Diode
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
   350mW High Speed SMD Switching Diode
TS4148RWG TSC-TS4148RWG Datasheet
164Kb / 2P
   350mW High Speed SMD Switching Diode
TS4148RW TSC-TS4148RW Datasheet
96Kb / 2P
   350mW High Speed SMD Switching Diode
TS4448RW TSC-TS4448RW Datasheet
137Kb / 2P
   350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16-TP MCC-BAS16-TP Datasheet
201Kb / 3P
   350mW 100Volt Switching Diode
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
   350mW 70Volt Switching Diode
BAS16 MCC-BAS16 Datasheet
80Kb / 2P
   350mW 100Volt Switching Diode
CMPSH-3 MCC-CMPSH-3_13 Datasheet
208Kb / 3P
   350mW 30Volt Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com