Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1352 Datasheet(PDF) 1 Page - Linear Technology

Part No. LT1352
Description  Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1352 Datasheet(HTML) 1 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1352/LT1353
Dual and Quad
250
µA, 3MHz, 200V/µs
Operational Amplifiers
FEATURES
DESCRIPTION
s
3MHz Gain Bandwidth
s
200V/
µs Slew Rate
s
250
µA Supply Current per Amplifier
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
Unity-Gain Stable
s
Maximum Input Offset Voltage: 600
µV
s
Maximum Input Bias Current: 50nA
s
Maximum Input Offset Current: 15nA
s
Minimum DC Gain, RL = 2k: 30V/mV
s
Input Noise Voltage: 14nV/
√Hz
s
Settling Time to 0.1%, 10V Step: 700ns
s
Settling Time to 0.01%, 10V Step: 1.25
µs
s
Minimum Output Swing into 1k:
±13V
s
Minimum Output Swing into 500
Ω: ±3.4V
s
Specified at
±2.5V, ±5V and ±15V
APPLICATIONS
s
Battery-Powered Systems
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Data Acquisition Systems
s
Photodiode Amplifiers
The LT
®1352/LT1353 are dual and quad, very low power,
high speed operational amplifiers with outstanding AC and
DC performance. The amplifiers feature much lower sup-
ply current and higher slew rate than devices with compa-
rable bandwidth. The circuit combines the slewing perfor-
mance of a current feedback amplifier in a true operational
amplifier with matched high impedance inputs. The high
slew rate ensures that the large-signal bandwidth is not
degraded. Each output is capable of driving a 1k
Ω load to
±13V with ±15V supplies and a 500Ω load to ±3.4V on
±5V supplies.
The LT1352/LT1353 are members of a family of fast, high
performance amplifiers using this unique topology and
employing Linear Technology Corporation’s advanced
complementary bipolar processing. For higher bandwidth
devices with higher supply current see the LT1354 through
LT1365 data sheets. Bandwidths of 12MHz, 25MHz, 50MHz
and 70MHz are available with 1mA, 2mA, 4mA and 6mA of
supply current per amplifier. Singles, duals and quads of
each amplifier are available.
C-Load is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
Instrumentation Amplifier
Large-Signal Response
AV = –1
1352/53 TA02
+
GAIN = [R4/R3][1 + (1/2)(R2/R1 + R3/R4) + (R2 + R3)/R5] = 102
TRIM R5 FOR GAIN
TRIM R1 FOR COMMON MODE REJECTION
BW = 30kHz
+
1/2
LT1352
+
1/2
LT1352
R1
50k
R2
5k
R5
1.1k
R3
5k
R4
50k
VIN
VOUT
1352/53 TA01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn