Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-2 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1993-2
Description  800MHz Low Distortion, Low Noise Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1993-2_15 Datasheet HTML 2Page - Linear Technology LT1993-2_15 Datasheet HTML 3Page - Linear Technology LT1993-2_15 Datasheet HTML 4Page - Linear Technology LT1993-2_15 Datasheet HTML 5Page - Linear Technology LT1993-2_15 Datasheet HTML 6Page - Linear Technology LT1993-2_15 Datasheet HTML 7Page - Linear Technology LT1993-2_15 Datasheet HTML 8Page - Linear Technology LT1993-2_15 Datasheet HTML 9Page - Linear Technology LT1993-2_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1993-2
6
19932fa
FREQUENCY (MHz)
0
60
55
50
40
45
35
30
25
20
19932 G08
60
40
20
80
100
140
120
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
60
55
50
40
45
35
30
25
20
19932 G09
60
40
20
80
100
140
120
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
60
55
50
40
45
35
30
25
20
19932 G07
60
40
20
80
100
140
120
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–10
–20
–30
–50
–40
–60
–70
–80
–90
–100
–110
19932 G06
60
40
20
80
100
140
120
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–10
–20
–30
–50
–40
–60
–70
–80
–90
–100
–110
19932 G04
60
40
20
80
100
140
120
UNFILTERED OUTPUTS
FILTERED OUTPUTS
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
21
18
15
12
9
6
3
0
–3
1
100
1000
10000
19932 G03
10
VIN = 100mVP-P
UNFILTERED OUTPUTS
10pF
5pF
2pF
0pF
FREQUENCY (MHz)
12
9
6
3
0
–3
–6
–9
–12
1
100
1000
10000
19932 G01
10
VIN = 100mVP-P
UNFILTERED: RLOAD = 400Ω
FILTERED: RLOAD =
350
Ω (EXTERNAL) +
50
Ω (INTERNAL, FILTERED
OUTPUTS)
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
12
9
6
3
0
–3
–6
–9
–12
1
100
1000
10000
19932 G02
10
VIN = 100mVP-P
UNFILTERED: RLOAD = 100Ω
FILTERED: RLOAD =
50
Ω (EXTERNAL) +
50
Ω (INTERNAL, FILTERED
OUTPUTS)
UNFILTERED OUTPUTS
FILTERED OUTPUTS
FREQUENCY (MHz)
0
–10
–20
–30
–50
–40
–60
–70
–80
–90
–100
–110
19932 G05
60
40
20
80
100
140
120
2 TONES, 2VP-P COMPOSITE
1MHz TONE SPACING
UNFILTERED OUTPUTS
FILTERED OUTPUTS
Frequency Response
RLOAD = 400Ω
Frequency Response
RLOAD = 100Ω
Frequency Response vs CLOAD,
RLOAD = 400Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, No RLOAD
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 400Ω
Third Order Intermodulation
Distortion vs Frequency
Differential Input, RLOAD = 100Ω
Output Third Order Intercept vs
Frequency, Differential Input,
No RLOAD
Output Third Order Intercept vs
Frequency, Differential Input,
RLOAD = 400Ω
Output Third Order Intercept vs
Frequency, Differential Input,
RLOAD = 100Ω
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1993-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-2 LINER-LT1993-2 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-2 LINER-LT1993-2 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-2 LINER-LT1993-2 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LT1993-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com