Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1993-2 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1993-2
Description  800MHz Low Distortion, Low Noise Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1993-2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1993-2_15 Datasheet HTML 5Page - Linear Technology LT1993-2_15 Datasheet HTML 6Page - Linear Technology LT1993-2_15 Datasheet HTML 7Page - Linear Technology LT1993-2_15 Datasheet HTML 8Page - Linear Technology LT1993-2_15 Datasheet HTML 9Page - Linear Technology LT1993-2_15 Datasheet HTML 10Page - Linear Technology LT1993-2_15 Datasheet HTML 11Page - Linear Technology LT1993-2_15 Datasheet HTML 12Page - Linear Technology LT1993-2_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1993-2
9
19932fa
FREQUENCY (MHz)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1000
19932 G36
CMRR
PSRR
UNFILTERED OUTPUTS
FREQUENCY (MHz)
10
0
–5
–50
–45
–40
–35
–30
–25
–20
–15
–10
100
1000
19932 G34
MEASURED USING DC800A DEMO BOARD
FREQUENCY (MHz)
–40
–50
–60
–70
–80
–90
–100
–110
1
100
1000
10000
19932 G31
10
UNFILTERED OUTPUTS
FREQUENCY (MHz)
1
300
250
200
150
100
50
0
–50
–100
10
100
1000
19932 G32
IMPEDANCE MAGNITUDE
IMPEDANCE PHASE
FREQUENCY (MHz)
1
0.1
1
10
100
10
100
1000
19932 G33
UNFILTERED OUTPUTS
FREQUENCY (MHz)
10
0
–5
–50
–45
–40
–35
–30
–25
–20
–15
–10
100
1000
19932 G35
MEASURED USING DC800A DEMO BOARD
FREQUENCY (MHz)
10
12
6
4
8
10
2
0
100
1000
19932 G30
FREQUENCY (MHz)
10
25
20
15
10
5
0
100
1000
19932 G29
VCC = 5V
MEASURED USING DC800A DEMO BOARD
FREQUENCY (MHz)
1
30
25
20
15
10
5
0
–5
–10
10
100
1000
19932 G28
RLOAD = 400Ω
RLOAD = 100Ω
UNFILTERED OUTPUTS
Output 1dB Compression
vs Frequency
Noise Figure vs Frequency
Input Referred Noise Voltage vs
Frequency
Isolation vs Frequency
Differential Input Impedance vs
Frequency
Differential Output Impedance vs
Frequency
Input Reflection Coefficient vs
Frequency
Output Reflection Coefficient vs
Frequency
PSRR, CMRR vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1993-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1993-2 LINER-LT1993-2 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-2 LINER-LT1993-2 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1993-2 LINER-LT1993-2 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT1993-2 LINER-LT1993-2 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LT1993-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com