Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1308BCS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1308BCS8
Description  High Current, Micropower Single Cell, 600kHz DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1308BCS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1308BCS8 Datasheet HTML 4Page - Linear Technology LT1308BCS8 Datasheet HTML 5Page - Linear Technology LT1308BCS8 Datasheet HTML 6Page - Linear Technology LT1308BCS8 Datasheet HTML 7Page - Linear Technology LT1308BCS8 Datasheet HTML 8Page - Linear Technology LT1308BCS8 Datasheet HTML 9Page - Linear Technology LT1308BCS8 Datasheet HTML 10Page - Linear Technology LT1308BCS8 Datasheet HTML 11Page - Linear Technology LT1308BCS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1308A/LT1308B
APPLICATIONS INFORMATION
SHDN PIN
The LT1308A/LT1308B SHDN pin is improved over the
LT1308. The pin does not require tying to VIN to enable the
device, but needs only a logic level signal. The voltage on
the SHDN pin can vary from 1V to 10V independent of VIN.
Further, floating this pin has the same effect as grounding,
which is to shut the device down, reducing current drain
to 1
µA or less.
LOW-BATTERY DETECTOR
The low-battery detector on the LT1308A/LT1308B fea-
tures improved accuracy and drive capability compared to
the LT1308. The 200mV reference has an accuracy of
±2%
and the open-collector output can sink 50
µA.TheLT1308A/
LT1308B low-battery detector is a simple PNP input gain
stage with an open-collector NPN output. The negative
input of the gain stage is tied internally to a 200mV
reference. The positive input is the LBI pin. Arrangement
as a low-battery detector is straightforward. Figure 7
details hookup. R1 and R2 need only be low enough in
value so that the bias current of the LBI pin doesn’t cause
large errors. For R2, 100k is adequate. The 200mV refer-
ence can also be accessed as shown in Figure 8.
A cross plot of the low-battery detector is shown in
Figure 9. The LBI pin is swept with an input which varies
from 195mV to 205mV, and LBO with a 100k pull-up
resistor, is displayed.
START-UP
The LT1308A/LT1308B can start up into heavy loads,
unlike many CMOS DC/DC converters that derive operat-
ing voltage from the output (a technique known as
“bootstrapping”). Figure 10 details start-up waveforms of
Figure 1’s circuit with a 20
Ω load and VIN of 1.5V. Inductor
current rises to 3.5A as the output capacitor is charged.
After the output reaches 5V, inductor current is about 1A.
In Figure 11, the load is 5
Ω and input voltage is 3V. Output
voltage reaches 5V 500
µs after the device is enabled.
Figure 12 shows start-up behavior of Figure 5’s SEPIC
circuit, driven from a 9V input with a 10
Ω load. The output
reaches 5V in about 1ms after the device is enabled.
GSM AND CDMA PHONES
The LT1308A/LT1308B are suitable for converting a single
Li-Ion cell to 5V for powering RF power stages in GSM or
CDMA phones. Improvements in the LT1308A/LT1308B
error amplifiers allow external compensation values to be
reduced, resulting in faster transient response compared
to the LT1308. The circuit of Figure 13 (same as Figure 1,
printed again for convenience) provides a 5V, 1A output
from a Li-Ion cell. Figure 14 details transient response at
the LT1308A operating at a VIN of 4.2V, 3.6V and 3V.
Ripple voltage in Burst Mode operation can be seen at
10mA load. Figure 15 shows transient response of the
LT1308B under the same conditions. Note the lack of
Burst Mode ripple at 10mA load.
Figure 7. Setting Low-Battery Detector Trip Point
Figure 8. Accessing 200mV Reference
LBO
LBI
TO PROCESSOR
R1
100k
R2
100k
VIN
VBAT
LT1308A
LT1308B
1308 F07
5V
GND
200mV
INTERNAL
REFERENCE
+
R1 =
VLB – 200mV
2
µA
VIN
VBAT
LT1308A
LT1308B
LBI
LBO
200k
10
µF
GND
10k
1308 F08
2N3906
VREF
200mV
+


Similar Part No. - LT1308BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308BCS8 LINER-LT1308BCS8 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308BCS8-PBF LINER-LT1308BCS8-PBF Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308BCS8-TR LINER-LT1308BCS8-TR Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308BCS8-TRPBF LINER-LT1308BCS8-TRPBF Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
More results

Similar Description - LT1308BCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1307B LINER-LT1307B_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com