Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1304 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 5 Page - Linear Technology

  LT1304 Datasheet HTML 1Page - Linear Technology LT1304 Datasheet HTML 2Page - Linear Technology LT1304 Datasheet HTML 3Page - Linear Technology LT1304 Datasheet HTML 4Page - Linear Technology LT1304 Datasheet HTML 5Page - Linear Technology LT1304 Datasheet HTML 6Page - Linear Technology LT1304 Datasheet HTML 7Page - Linear Technology LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1304/LT1304-3.3/LT1304-5
I
DAGRA
BLOCK
S
+
1304 F02
+
+
1.17V
R1
36mV
A3
OFF
LBI
SENSE
ENABLE
A2
LB0
SW
GND
ILIM
SHDN
A1
8
6
5
4
VIN
3
7
1
1.5V
UNDERVOLTAGE
LOCKOUT
Q3
Q2
×1
Q1
×200
R2
1k
590k
R1
7.2
1k
DRIVER
BIAS
~1V
2
1.24V
VREF
SHUTDOWN
TIMERS
6
µs ON
1.5
µs OFF
R1 = 355k (LT1304-3.3), 195k (LT1304-5)
Figure 2. LT1304-3.3/LT1304-5 Block Diagram
+
1304 F01
+
+
1.17V
R4
36mV
A3
OFF
LBI
ENABLE
A2
LB0
C1
L1
SW
GND
ILIM
SHDN
FB
A1
8
6
5
4
VIN
VOUT
VIN
3
7
1
1.5V
UNDERVOLTAGE
LOCKOUT
Q3
Q2
×1
Q1
×200
R2
1k
R3
R1
7.2
1k
DRIVER
BIAS
~1V
2
1.24V
VREF
SHUTDOWN
+
C2
D1
+
TIMERS
6
µs ON
1.5
µs OFF
Figure 1. LT1304 Block Diagram. Independent Low-Battery Detector A3 Remains Alive When Device Is in Shutdown


Similar Part No. - LT1304

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304 LINER-LT1304 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com