Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1304 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1304 Datasheet HTML 6Page - Linear Technology LT1304 Datasheet HTML 7Page - Linear Technology LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology LT1304 Datasheet HTML 10Page - Linear Technology LT1304 Datasheet HTML 11Page - Linear Technology LT1304 Datasheet HTML 12Page - Linear Technology LT1304 Datasheet HTML 13Page - Linear Technology LT1304 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1304/LT1304-3.3/LT1304-5
OPERATIO
LOAD CURRENT (mA)
1
100
90
80
70
60
50
40
30
20
10
0
10
100
1304 F12
200
TYPICAL APPLICATIONS
VIN
SW
SHDN
GND
LBI
LBO
ILIM
FB
LT1304
+
+
220
µF
100
µF
0.01
µF
47k
2 CELLS
33
µH**
IQ ≈ 10µA
5V
100mA
1% METAL FILM
SUMIDA CD54-330
*
**
1304 TA03
47k
22k
1.21M*
3.83M*
MBR0530
200k
2N3906
Super Burst
TM Low IQ DC/DC Converter
LOAD CURRENT (mA)
40
50
70
60
80
90
100
1304 TA04
0.01
0.1
1.0
10
VIN = 3V
VIN = 2V
Super Burst Efficiency
Super Burst is a trademark of Linear Technology Corporation.
Figure 12 shows overall energy conversion efficiency,
assuming availability of 6.5WH of battery energy. This
efficiency approximates the electrical efficiency at load
current levels from 1mA to 10mA, but drops severely at
load currents above 10mA (load power above 50mW). The
moral of the story is this: if your system needs 5V at more
than 40mA to 50mA, consider using a NiCd battery (1/10
the internal impedance) instead of a AA cell alkaline
battery.
Figure 12. Overall System Efficiency Including Battery Efficiency
vs Load Current. Internal Impedance of Alkaline AA Cells
Accounts for Rapid Drop in Efficiency at Higher Load Current


Similar Part No. - LT1304

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304 LINER-LT1304 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
More results

Similar Description - LT1304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com