Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1300 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1300
Description  Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1300 Datasheet(HTML) 6 Page - Linear Technology

  LT1300 Datasheet HTML 1Page - Linear Technology LT1300 Datasheet HTML 2Page - Linear Technology LT1300 Datasheet HTML 3Page - Linear Technology LT1300 Datasheet HTML 4Page - Linear Technology LT1300 Datasheet HTML 5Page - Linear Technology LT1300 Datasheet HTML 6Page - Linear Technology LT1300 Datasheet HTML 7Page - Linear Technology LT1300 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1300
APPLICATIONS INFORMATION
Output Voltage Selection
The LT1300 can be selected to 3.3V or 5V under logic
control or fixed at either by tying SELECT to ground or VIN
respectively. It is permissible to tie SELECT to a voltage
higher than VIN as long as it does not exceed 10V.
Efficiency in 3.3V mode will be slightly less that in 5V mode
due to the fact that the diode drop is a greater percentage
of 3.3V than 5V. Since the bipolar switch in the LT1300
gets its base drive from VIN, no reduction in switch
efficiency occurs when in 3.3V mode. When VIN exceeds
the programmed output voltage the output will follow the
input. This is characteristic of the simple step-up or
“boost” converter topology. A circuit example that pro-
vides a regulated output with an input voltage above or
below the output (called a buck-boost or SEPIC) is shown
in the Typical Applications section.
Shutdown
The converter can be turned off by pulling SHDN (pin 3)
high. Quiescent current drops to 10
µA in this condition.
Bias current of 3
µA to 5µA flows into the pin (at 2.5V input).
It is recommended that SHDN not be left floating. Tie the
pin to ground if the feature is not used.
ILIM Function
The LT1300’s current limit (ILIM) pin can be used for soft
start. Upon start-up, switching regulators require maxi-
mum current from the supply. The high currents flowing
can create IR drops along supply and ground lines and
are especially demanding on alkaline batteries. By in-
stalling an R1 and C3 as shown in Figure 4, the switch
current in the LT1300 is limited to 400mA until the 15
µA
flowing out of the ILIM pin charges up the 0.1µF capaci-
tor. Input current is held to under 500mA while the
output voltage ramps up to 5V as shown in Figure 5. The
1Meg resistor provides a discharge path for the capacitor
without appreciably decreasing peak switch current. When
the full capability of the LT1300 is not required, peak
current can be reduced by changing the value of R3 as
shown in Figure 6. With R3 = 0, switch current is limited
to approximately 400mA.
Figure 4. Addition of R1 and C3 Limit Input Current at Startup
500
µs/DIV
REP RATE = 1Hz
LT1300 F5
VOUT
2VDIV
IBATTERY
500mA/DIV
VSHDN
10V/DIV
C2
100µF
C3
0.1µF
R1
1M
5V/3.3V
OUTPUT
+
+
L1
10µH
D1
C1
100µF
SW
ILIM
PGND
GND
SENSE
LT1300
SHDN
SELECT
VIN
Figure 5. Startup Waveforms using Soft-Start Circuitry
ILOAD = 100mA, VOUT = 5V
RLIM (Ω)
500
700
800
1000
1100
100
10k
100k
1M
LT1300 F1B
300
1k
900
600
400
1.6V
≤ VIN ≤ 5V
Figure 6. Peak Switch Current vs. RLIM


Similar Part No. - LT1300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1300 LINER-LT1300 Datasheet
229Kb / 8P
   Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
LT1300 LINER-LT1300_15 Datasheet
229Kb / 8P
   Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
More results

Similar Description - LT1300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1300 LINER-LT1300_15 Datasheet
229Kb / 8P
   Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com