Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1236ACN8-10 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1236ACN8-10
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236ACN8-10 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1236ACN8-10 Datasheet HTML 4Page - Linear Technology LT1236ACN8-10 Datasheet HTML 5Page - Linear Technology LT1236ACN8-10 Datasheet HTML 6Page - Linear Technology LT1236ACN8-10 Datasheet HTML 7Page - Linear Technology LT1236ACN8-10 Datasheet HTML 8Page - Linear Technology LT1236ACN8-10 Datasheet HTML 9Page - Linear Technology LT1236ACN8-10 Datasheet HTML 10Page - Linear Technology LT1236ACN8-10 Datasheet HTML 11Page - Linear Technology LT1236ACN8-10 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1236
TYPICAL APPLICATIONS
LT1236-10
OUT
IN
GND
LT1236 TA16
15V
8.87k
1%
1.24k
1%
10k
1%
D1
1N457
50k
TC TRIM*
10k
1%
D2
1N457
50k
200k
1%
50k
ROOM TEMP
TRIM
10.36k
1%
8.45k
1mA
TRIMS 1mA REFERENCE CURRENT
TC BY
±40ppm/°C. THIS TRIM
SCHEME HAS VERY LITTLE EFFECT ON ROOM
TEMPERATURE CURRENT TO MINIMIZE ITERATIVE
TRIMMING
*
DAC
Precision DAC Reference with System TC Trim
2-Pole Lowpass Filtered Reference
Strain Gauge Conditioner for 350
Ω Bridge
LT1236-10
OUT
IN
GND
LT1236 TA08
+
LM301A
100pF
8
1
6
6
3
2
–5V
357
1/2W
–15V
R5
2M
R6*
2M
LT1012C
2
3
R4
20k
R2
20k
5V
R3
2M
VOUT
X100
350
Ω STRAIN
GAUGE BRIDGE**
28mA
28.5mA
R1
357
1/2W
15V
THIS RESISTOR PROVIDES POSITIVE FEEDBACK TO
THE BRIDGE TO ELIMINATE LOADING EFFECT OF
THE AMPLIFIER. EFFECTIVE ZIN OF AMPLIFIER
STAGE IS
≥ 1MΩ. IF R2 TO R5 ARE CHANGED,
SET R6 = R3
*
BRIDGE IS ULTRA-LINEAR WHEN ALL LEGS ARE
ACTIVE, TWO IN COMPRESSION AND TWO IN TENSION,
OR WHEN ONE SIDE IS ACTIVE WITH ONE COMPRESSED
AND ONE TENSIONED LEG
OFFSET AND DRIFT OF LM301A ARE VIRTUALLY
ELIMINATED BY DIFFERENTIAL CONNECTION OF LT1012C
**
LT1236-10
OUT
GND
LT1236 TA13
2.5mA
–10V (ILOAD ≤ 1mA)
–11V TO – 40V
27
LM334
Negative Shunt Reference Driven
by Current Source
LT1236
OUT
IN
GND
LT1236 TA12
+
R1
36k
1
µF
MYLAR
0.5
µF
MYLAR
R2
36k
LT1001
VIN
VIN
VREF
–VREF
f = 10Hz
TOTAL NOISE
≤2µVRMS
1Hz
≤ f ≤ 10kHz


Similar Part No. - LT1236ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
More results

Similar Description - LT1236ACN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com