Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LT1259 Datasheet(PDF) 5 Page - Linear Technology

Part No. LT1259
Description  Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

LT1259 Datasheet(HTML) 5 Page - Linear Technology

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1259/LT1260
±5V Frequency Response, AV = 2
FREQUENCY (MHz)
1
2
4
6
8
10
10
100
LT1259/60 • TPC03
3
5
7
9
11
12
–200
–160
–120
–80
–40
–180
–140
–100
–60
0
PHASE
GAIN
VS = ±5V
RL = 150Ω
RF = RG = 1.1k
–20
FREQUENCY (MHz)
1
16
18
20
22
24
10
100
LT1259/60 • TPC04
17
19
21
23
25
26
–200
–160
–120
–80
–40
–180
–140
–100
–60
0
PHASE
GAIN
VS = ±5V
RL = 150Ω
RF = 825Ω
RG = 90.9Ω
–20
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.001
0.01
0.1
1k
100k
LT1259/60 • TPC05
100
10k
VS = ±12V
RL = 400Ω
RF = RG = 1.5k
VO = 6VRMS
VO = 1VRMS
2nd and 3rd Harmonic Distortion
vs Frequency
FREQUENCY (MHz)
1
–70
–60
–50
–40
–30
10
100
LT12359/60 • TPC06
–20
2ND
3RD
VS = ±12V
VO = 2VP-P
AV = 10dB
RL = 100Ω
RF = 1.5k
Maximum Undistorted Output
vs Frequency
FREQUENCY (MHz)
1
0
5
10
15
20
10
100
LT12359/60 • TPC07
25
VS = ±15V
RL = 1k
RF = 2k
AV = 1
AV = 2
AV = 10
Power Supply Rejection
vs Frequency
FREQUENCY (Hz)
20
40
50
70
80
100k
1M
10M
LTC1259/60 • TPC08
0
10k
60
30
10
100M
VS = ±15V
RL = 1OOΩ
RF = RG = 1k
POSITIVE
NEGATIVE
Spot Noise Voltage and Current
vs Frequency
Output Impedance vs Frequency
±5V Frequency Response, AV = 10
FREQUENCY (Hz)
10k
1
100
1M
100M
LT1259/60 • TPC10
0.1
10
100k
10M
VS = ±15V
RF = RG = 2k
FREQUENCY (Hz)
10
1
10
100
1k
100k
LT1259/60 • TPC09
100
10k
–in
en
+in
TYPICAL PERFOR A CE CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn