Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1246CN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1246CN8
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1246CN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1246CN8 Datasheet HTML 4Page - Linear Technology LT1246CN8 Datasheet HTML 5Page - Linear Technology LT1246CN8 Datasheet HTML 6Page - Linear Technology LT1246CN8 Datasheet HTML 7Page - Linear Technology LT1246CN8 Datasheet HTML 8Page - Linear Technology LT1246CN8 Datasheet HTML 9Page - Linear Technology LT1246CN8 Datasheet HTML 10Page - Linear Technology LT1246CN8 Datasheet HTML 11Page - Linear Technology LT1246CN8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1246/LT1247
8
S
APPLICATI
I FOR ATIO
inverting input (pin 2) and the output (pin 1) are made
available to the user. The output voltage in a regulator
circuit is normally fed back to the inverting input of the
error amplifier through a resistive divider. The output of
the error amplifier is made available for external loop
compensation. The output current of the error amplifier is
limited to approximately 0.8mA sourcing and approxi-
mately 6mA sinking.
In a current mode PWM the peak switch current is a
function of the output voltage of the error amplifier. In the
LT1246/LT1247 the output of the error amplifier is offset
by two diodes (1.4V at 25
°C), divided by a factor of three,
and fed to the inverting input of the current sense com-
parator. For output voltages less than 1.4V the duty cycle
of the output stage will be zero. The maximum offset that
can appear at the current sense input is limited by a 1V
clamp. This occurs when the error amplifier output reaches
4.4V at 25
°C. The output of the error amplifier can be
clamped below 4.4V in order to reduce the maximum
voltage allowed across the current sensing resistor to less
than 1V. The supply current will increase by the value of
the output source current when the output voltage of the
error amplifier is clamped.
Current Sense Comparator and PWM Latch
LT1246/LT1247 are current mode controllers. Under nor-
mal operating conditions the output (pin 6) is turned on at
the start of every oscillator cycle, coincident with the rising
edge of the oscillator waveform. The output is then turned
off when the switch current reaches a threshold level
proportional to the error voltage at the output of the error
amplifier. Once the output is turned off it is latched off until
the start of the next cycle. The peak switch current is thus
proportional to the error voltage and is controlled on a
cycle by cycle basis. The peak switch current is normally
sensed by placing a sense resistor in the source lead of the
output MOSFET. This resistor converts the switch current
to a voltage that can be fed into the current sense input. For
normal operating conditions the peak inductor current,
which is equal to the peak switch current, will be equal to:
I
VV
R
PK
PIN
S
=
()
()
1
14
3
.
During fault conditions the maximum threshold voltage at
the input of the current sense comparator is limited by the
internal 1V clamp at the inverting input. The peak switch
current will be equal to:
I
V
R
PK MAX
S
( ) =
10
.
In certain applications such as high power regulators it
may be desirable to limit the maximum threshold voltage
to less than 1V in order to limit the power dissipated in the
sense resistor or to limit the short-circuit current of the
regulator circuit. This can be accomplished by clamping
the output of the error amplifier. A voltage level of
approximately 1.4V at the error amplifier output will give
a threshold voltage of 0V. A voltage level of approximately
4.4V at the output of the error amplifier will give a thresh-
old level of 1V. Between 1.4V and 4.4V the threshold
voltage will change by a factor of one third of the change
in the error amplifier output voltage. The threshold voltage
will be 0.333V for an error amplifier voltage of 2.4V. To
reduce the maximum current sense threshold to less than
1V the error amplifier output should be clamped to less
than 4.4V.
Blanking
A unique feature of the LT1246/LT1247 is the built-in
blanking circuit at the output of the current sense com-
parator. A common problem with current mode PWM
circuits is erratic operation due to noise at the current
sense input. The primary cause of noise problems is the
leading edge current spike due to transformer interwinding
capacitance and diode reverse recovery time. This current
spike can prematurely trip the current sense comparator
causing an instability in the regulator circuit. A filter at the
current sense input is normally required to eliminate this
instability. This filter will in turn slow down the current
sense loop. A slow current sense loop wil increase the
minimum pulse width which will increase the short-circuit
current in an overload condition. The LT1246/LT1247
blank (lock out) the signal at the output of the current
sense comparator for a fixed amount of time after the
switch is turned on. This prevents the PWM latch from
tripping due to the leading edge current spike. The blank-
ing time will be a function of the voltage at the feedback pin
(pin 2). The blanking time will be 60ns for normal operat-


Similar Part No. - LT1246CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1246 LINER-LT1246 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
More results

Similar Description - LT1246CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
   1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Global Mixed-mode Techn...
G5692 GMT-G5692 Datasheet
90Kb / 1P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1528 GMT-AT1528 Datasheet
178Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
AT1530 GMT-AT1530 Datasheet
92Kb / 1P
   1MHz, All-Ceramic, 3.2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Global Mixed-mode Techn...
AT1526 GMT-AT1526 Datasheet
176Kb / 2P
   1MHz, All-Ceramic, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com