Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1249C Datasheet(PDF) 10 Page - Linear Technology

Part # LT1249C
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249C Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1249C Datasheet HTML 4Page - Linear Technology LT1249C Datasheet HTML 5Page - Linear Technology LT1249C Datasheet HTML 6Page - Linear Technology LT1249C Datasheet HTML 7Page - Linear Technology LT1249C Datasheet HTML 8Page - Linear Technology LT1249C Datasheet HTML 9Page - Linear Technology LT1249C Datasheet HTML 10Page - Linear Technology LT1249C Datasheet HTML 11Page - Linear Technology LT1249C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1249
APPLICATIONS INFORMATION
voltages above 8V and the 12V limit is only for surge
conditions.
In normal operation, the voltage into MOUT does not
exceed 1.1V, but under surge conditions, the voltage
could temporarily go higher. To date, no field failures due
to surges have been reported for normal LT1249 configu-
rations, but if the possibility exists for extremely large
current surges, please read the following discussion.
Offline switching power supplies can create large current
surges because of the high value storage capacitor used.
The surge can be the result of closing the line switch near
the peak of the AC line voltage, or because of a large
transient in the line itself. These surges are well known in
the power supply business, and are normally controlled
with a negative temperature coefficient thermistor in
series with the rectifier bridge. When power is switched
on, the thermistor is cold (high resistance) and surges are
limited. Current flow in the thermistor causes it to heat and
resistance drops to the point where overall efficiency loss
in the resistor is acceptable.
This basic protection mechanism can be partially defeated
if the power supply is switched off for a few seconds, then
turned back on. The thermistor has not had time to cool
significantly and if the subsequent turn-on catches the AC
line near its peak, the resulting surge is much higher than
normal. Even if this surge current generates a voltage
greater than 6V (but less than 12V) across the sense
resistor, the standard LT1249 application will not be
affected because the chip is not yet powered. Problems are
only created if the VCC pin is powered from some external
housekeeping supply that remains powered when bridge
power is switched off.
A huge line voltage surge,
beyond the normal worst-case
limits, can also create a large current surge. The peak of
the line voltage must significantly exceed the storage
capacitor voltage (typically 380V) for this to occur, so peak
line voltage would probably have to exceed 450V. Such
excessive surges might occur if a very large mains load
was suddenly removed, with a resulting line “kickback”. If
the surge results in voltage at the MOUT pin greater than
6V, it must also last more than 30
µs (three switch cycles)
to cause FET problems.
External Clamp
The external clamp shown in Figure 6 will protect the
LT1249 MOUT pin against extremely large line current
surges (see above). Protection is provided for all VCC
power methods. The 100
Ω resistor and three diodes limit
the peak negative voltage into MOUT to less than 3V.
Current sense gain is attenuated by only 100
Ω/4000Ω =
2.5%. Three diodes are used because the peak negative
voltage into MOUT in normal operation could go as high as
–1.1V and the diodes should not conduct more than a few
microamps under this condition.
Figure 6. Protecting MOUT from Extremely High Current Surges
THERMISTOR
100
RS
SURGE PATH
STORAGE
CAPACITOR
MOUT
LT1249
+
BRIDGE
+


Similar Part No. - LT1249C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1249CN8 LINER-LT1249CN8 Datasheet
193Kb / 12P
   Power Factor Controller
LT1249CS8 LINER-LT1249CS8 Datasheet
193Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1249C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
   Power Factor Controller
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com