Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63801-7600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7600
Description  FineAdjust Applicator for Insulation OD 0.91-1.09mm - 20-24 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63901-8900
Status:
Active
Description:
FineAdjust™ Applicator for Insulation OD 0.91-1.09mm - 20-24 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
884982220577
Physical
Net Weight
4977.245/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639018900, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust for Male Terminal, 18-24 AWG Wire
63801-7600 MOLEX11-63801-7600 Datasheet
49Kb / 1P
   FineAdjust Applicator for 3.96mm (.156) Pitch MarKK Crimp Terminal.
63801-7600 MOLEX11-63801-7600 Datasheet
82Kb / 1P
   Mini-Mac Applicator Rear Feed
63801-7600 MOLEX11-63801-7600 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust Applicator for ISO (M3) Blade Terminals
More results

Similar Description - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639118900 MOLEX11-0639118900 Datasheet
33Kb / 1P
   T2 Terminator for insulation OD 0.91-1.09mm - 20-24 AWG
0639018900 MOLEX-0639018900 Datasheet
34Kb / 2P
   FineAdjust Applicator for Micro-Fit 3.0 Terminals, for 20-24 AWG Wire with Insulation Diameter 0.91-1.09mm
08/26/2022
0639018800 MOLEX-0639018800 Datasheet
34Kb / 2P
   FineAdjust Applicator for Insulation OD 1.10-1.30mm - 20-24 AWG
08/26/2022
63901-8800 MOLEX11-63901-8800 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 1.10-1.30mm - 20-24 AWG
0639004500 MOLEX-0639004500 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 1.30-1.85mm, 20-24 AWG Wire
08/26/2022
63900-4500 MOLEX11-63900-4500 Datasheet
50Kb / 1P
   FineAdjust Applicator for Insulation OD 1.30-1.85mm, 20-24 AWG Wire
63902-4900 MOLEX11-63902-4900 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 2.30-2.60mm - 18-24 AWG
0639048000 MOLEX-0639048000 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 1.65-2.05mm, 18-24 AWG
08/25/2022
63901-5600 MOLEX11-63901-5600 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 1.90-2.30mm - 18-24 AWG
0639047800 MOLEX-0639047800 Datasheet
35Kb / 3P
   FineAdjust Applicator for Insulation OD 2.50-2.95mm, 18-24 AWG
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com