Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT124XI Datasheet(PDF) 8 Page - Linear Technology

Part # LT124XI
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT124XI Datasheet(HTML) 8 Page - Linear Technology

Back Button LT124XI Datasheet HTML 4Page - Linear Technology LT124XI Datasheet HTML 5Page - Linear Technology LT124XI Datasheet HTML 6Page - Linear Technology LT124XI Datasheet HTML 7Page - Linear Technology LT124XI Datasheet HTML 8Page - Linear Technology LT124XI Datasheet HTML 9Page - Linear Technology LT124XI Datasheet HTML 10Page - Linear Technology LT124XI Datasheet HTML 11Page - Linear Technology LT124XI Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT1241 Series
8
for various values of RT and CT appear in the Typical
Performance Characteristics section. Frequency and
deadtime can also be calculated using the following
formulas:
Oscillator Rise Time: tr = 0.583 • RC
S
APPLICATI
I FOR ATIO
Oscillator Discharge Time:
Oscillator Frequency:
Oscillator Period: TOSC = tr + td
frequency for LT1241, LT1244 and LT1245. The oscillator
of LT1241 series devices will run at frequencies up to
1MHz, allowing 500kHz output switching frequencies for
all devices.
Error Amplifier
The LT1241 series of devices contain a fully compensated
error amplifier with a DC gain of 90dB and a unity-gain
frequency of 1MHz. Phase margin at unity-gain is 80
°. The
noninverting input is internally committed to a 2.5V refer-
ence point derived from the 5V reference of Pin 8. The
inverting input (Pin 2) and the output (Pin 1) are made
available to the user. The output voltage in a regulator
circuit is normally fed back to the inverting input of the
error amplifier through a resistive divider.
The output of the error amplifier is made available for
external loop compensation. The output current of the
error amplifier is limited to approximately 0.8mA sourcing
and approximately 6mA sinking. In a current mode PWM
the peak switch current is a function of the output voltage
of the error amplifier. In the LT1241 series devices the
output of the error amplifier is offset by two diodes (1.4V
at 25
°C), divided by a factor of three, and fed to the
inverting input of the current sense comparator. For error
amplifier output voltages less than 1.4V the duty cycle of
the output stage will be zero. The maximum offset that can
appear at the current sense input is limited by a 1V clamp.
This occurs when the error amplifier output reaches 4.4V
at 25
°C.
The output of the error amplifier can be clamped below
4.4V in order to reduce the maximum voltage allowed
across the current sensing resistor to less than 1V. The
supply current will increase by the value of the output
source current when the output voltage of the error
amplifier is clamped.
t
RC
R
d =
()
346
0 0164
11 73
.
..
f
T
OSC
OSC
=
1
Maximum Duty Cycle:
LT1241, LT1244, LT1245
D
t
T
Tt
T
MAX
r
OSC
OSC
d
OSC
==
22
LT1242, LT1243
The above formulas will give values that will be accurate
to approximately
±5%, at the oscillator, over the full
operating frequency range. This is due to the fact that the
oscillator trip levels are constant versus frequency and the
discharge current and initial oscillator frequency are
trimmed. Some fine adjustment may be required to achieve
more accurate results. Once the final RT/CTcombination is
selected the oscillator characteristics will be repeatable
from device to device. Note that there will be some slight
differences between maximum duty cycle at the oscillator
and maximum duty cycle at the output due to the finite rise
and fall times of the output.
The output switching frequency will be equal to the
oscillator frequency for LT1242 and LT1243. The output
switching frequency will be equal to one-half the oscillator
D
t
T
Tt
T
MAX
r
OSC
OSC
d
OSC
==


Similar Part No. - LT124XI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT124XIN8 LINER-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT124XIN8 LINEAR-LT124XIN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT124XI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com