Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR15200CT-Y Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR15200CT-Y
Description  15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR15200CT-Y Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR15200CT-Y Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR15200CT-Y Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR15200CT-Y Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR15200CT-Y Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ORDER INFORMATION (EXAMPLE)
(TA=25°C unless otherwise noted)
Document Number: DS_D1405042
Version: B15
MBR1545CT-Y - MBR15200CT-Y
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3ms Single Half Sine Wave
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=75°C
TJ=125°C
TJ=25°C
MBR1545CT-Y
MBR1560CT-Y-200CT-Y
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
Pulse Width=300μs
1% Duty Cycle
MBR1545CT-Y
MBR1560CT-Y
MBR15100CT-Y
TJ=25°C
TJ=125°C
MBR15150CT-Y
MBR15200CT-Y
MBR15100CT‐YC0G
Green compound code
Packing code
Part no.


Similar Part No. - MBR15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBR15200CT LUGUANG-MBR15200CT Datasheet
164Kb / 2P
   Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
MBR15200CT DSK-MBR15200CT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
MBR15200CT YANGJIE-MBR15200CT Datasheet
164Kb / 2P
   SCHOTTKY Diodes
logo
Nantong Hornby Electron...
MBR15200CT HORNBY-MBR15200CT Datasheet
275Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
MBR15200CT SAMYANG-MBR15200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR15200CT-Y

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
   20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
   Dual Common Cathode Schottky Rectifiers
Revision: 14-Aug-13
logo
Taiwan Semiconductor Co...
TST10H45C TSC-TST10H45C Datasheet
522Kb / 5P
   10A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
   30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST20H45C TSC-TST20H45C Datasheet
523Kb / 5P
   20A, 45V Dual Common Cathode Trench Schottky Rectifier
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Thinki Semiconductor Co...
APT30S20BCT THINKISEMI-APT30S20BCT Datasheet
3Mb / 5P
   2*45A/200V Heatsink Dual Common Cathode Schottky Type Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com