Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1228MJ8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1228MJ8
Description  100MHz Current Feedback Amplifier with DC Gain Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228MJ8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1228MJ8 Datasheet HTML 6Page - Linear Technology LT1228MJ8 Datasheet HTML 7Page - Linear Technology LT1228MJ8 Datasheet HTML 8Page - Linear Technology LT1228MJ8 Datasheet HTML 9Page - Linear Technology LT1228MJ8 Datasheet HTML 10Page - Linear Technology LT1228MJ8 Datasheet HTML 11Page - Linear Technology LT1228MJ8 Datasheet HTML 12Page - Linear Technology LT1228MJ8 Datasheet HTML 13Page - Linear Technology LT1228MJ8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1228
10
S
APPLICATI
I FOR ATIO
Substituting into the equation for transconductance gives:
g
a
RR
m ==
194
10
.
The temperature variation in the term “a” can be ignored
since it is much less than that of the term “T” in the
equation for Vbe. Using a 2.5V source this way will main-
tain the gain constant within 1% over the full temperature
range of –55
°C to 125°C. If the 2.5V source is off by 10%,
the gain will vary only about
±6% over the same tempera-
ture range.
We can also temperature compensate the transconduc-
tance without using a 2.5V reference if the negative power
supply is regulated. A Thevenin equivalent of 2.5V is
generated from two resistors to replace the reference. The
two resistors also determine the maximum set current,
approximately 1.1V/RTH. By rearranging the Thevenin
equations to solve for R4 and R6 we get the following
equations in terms of RTH and the negative supply, VEE.
R
R
V
V
and R
RV
V
TH
EE
TH EE
4
1
25
6
25
=


=
.
.
Temperature Compensation of gm with a Thevenin Voltage
LT1228 • TA05
R4
1.24k
–15V
gm
5
4
R'
ISET
ISET
1.03k
Vbe
Vbe
VTH = 2.5V
R'
R6
6.19k
Voltage Controlled Gain
To use a voltage to control the gain of the transconduc-
tance amplifier requires converting the voltage into a
current that flows into pin 5. Because the voltage at pin 5
is two diode drops above the negative supply, a single
resistor from the control voltage source to pin 5 will suffice
in many applications. The control voltage is referenced to
the negative supply and has an offset of about 900mV. The
conversion will be monotonic, but the linearity is deter-
mined by the change in the voltage at pin 5 (120mV per
decade of current). The characteristic is very repeatable
since the voltage at pin 5 will vary less than
±5% from part
to part. The voltage at pin 5 also has a negative tempera-
ture coefficient as described in the previous section. When
the gain of several LT1228s are to be varied together, the
current can be split equally by using equal value resistors
to each pin 5.
For more accurate (and linear) control, a voltage-to-
current converter circuit using one op amp can be used.
The following circuit has several advantages. The input no
longer has to be referenced to the negative supply and the
input can be either polarity (or differential). This circuit
works on both single and split supplies since the input
voltage and the pin 5 voltage are independent of each
other. The temperature coefficient of the output current is
set by R5.
LT1228 • TA19
R5
1k
R1
1M
V1
V2
IOUT
TO PIN 5
OF LT1228
50pF
R1 = R2
R3 = R4
IOUT =
×
= 1mA/V
+
R2
1M
R3
1M
R4
1M
(V1 – V2)
R5
R3
R1
LT1006
Digital control of the transconductance amplifier gain is
done by converting the output of a DAC to a current flowing
into pin 5. Unfortunately most current output DACs
sink rather than source current and do not have output


Similar Part No. - LT1228MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228MJ8 LINER-LT1228MJ8 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
More results

Similar Description - LT1228MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228_07 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228_15 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com