Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1227M Datasheet(PDF) 11 Page - Linear Technology

Part # LT1227M
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227M Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1227M Datasheet HTML 4Page - Linear Technology LT1227M Datasheet HTML 5Page - Linear Technology LT1227M Datasheet HTML 6Page - Linear Technology LT1227M Datasheet HTML 7Page - Linear Technology LT1227M Datasheet HTML 8Page - Linear Technology LT1227M Datasheet HTML 9Page - Linear Technology LT1227M Datasheet HTML 10Page - Linear Technology LT1227M Datasheet HTML 11Page - Linear Technology LT1227M Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1227
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S
APPLICATI
TYPICAL
Single Supply AC-Coupled Amplifier
Noninverting
Single Supply AC-Coupled Amplifier
Inverting
+
VOUT
LT1227
1227 TA09
220
µF
5V
4.7
µF
VIN
2.2
µF
510
51
10k
10k
RS
AV =
BW = 14Hz to 60MHz
510
RS + 51Ω
10
+
Buffer with DC Nulling Loop
+
3
VOUT
LT1227
V+
1227 TA07
1.5k
1
6
5
2
0.01
µF
100k
+
100k
10k
0.1
µF
VIN
0.01
µF
10k
180
180
10k
LT1097
Optional Offset Nulling circuit
+
3
RNULL
LT1227
V+
1227 TA12
10k
1
6
5
4
2
7
V
RNULL = 47k FOR VS = ±5V
RNULL = 150k FOR VS = ±15V
1227 TA10
1k
75pF
3.579545MHz
100k
VOUT
1N4148
51
2N3904
15V
+
LT1227
100pF
68pF
150k
15V
–15V
3.58MHz Oscillator
CMOS Logic to Shutdown Interface
5V
+
LT1227
1227 TA11
6
15V
–15V
10k
8
4
2
3
7
2N3904
+
VOUT
LT1227
1227 TA08
220
µF
AV = 11
BW = 14Hz to 60MHz
5V
4.7
µF
VIN
22
µF
510
51
10k
10k


Similar Part No. - LT1227M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227MJ8 LINER-LT1227MJ8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com