Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1228 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1228
Description  100MHz Current Feedback Amplifier with DC Gain Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228 Datasheet(HTML) 4 Page - Linear Technology

  LT1228 Datasheet HTML 1Page - Linear Technology LT1228 Datasheet HTML 2Page - Linear Technology LT1228 Datasheet HTML 3Page - Linear Technology LT1228 Datasheet HTML 4Page - Linear Technology LT1228 Datasheet HTML 5Page - Linear Technology LT1228 Datasheet HTML 6Page - Linear Technology LT1228 Datasheet HTML 7Page - Linear Technology LT1228 Datasheet HTML 8Page - Linear Technology LT1228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1228
4
ELECTRICAL C
C
HARA TERISTICS
Transconductance Amplifier, Pins 1, 2, 3, 5.
±5V ≤ VS ≤ ±15V, ISET = 100µA, VCM = 0V unless otherwise noted.
CMRR
Common-Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C
60
100
dB
VS = ±15V, VCM = ±12V
q
60
dB
VS = ±5V, VCM = ±3V, TA = 25°C
60
100
dB
VS = ±5V, VCM = ±2V
q
60
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±15V, TA = 25°C
60
100
dB
VS = ±3V to ±15V
q
60
dB
gm
Transconductance
ISET = 100µA, IOUT = ±30µA, TA = 25°C
0.75
1.00
1.25
µA/mV
Transconductance Drift
q
–0.33
%/
°C
IOUT
Maximum Output Current
ISET = 100µA
q
70
100
130
µA
IOL
Output Leakage Current
ISET = 0µA (+IIN of CFA), TA = 25°C
0.3
3
µA
q
10
µA
VOUT
Maximum Output Voltage Swing
VS = ±15V , R1 = ∞
q
±13
±14
V
VS = ±5V , R1 = ∞
q
±3
±4V
RO
Output Resistance
VS = ±15V, VOUT = ±13V
q
28
M
VS = ±5V, VOUT = ±3V
q
28
M
Output Capacitance (Note 2)
VS = ±5V
6
pF
IS
Supply Current, Both Amps
ISET = 1mA
q
915
mA
THD
Total Harmonic Distortion
VIN = 30mVRMS at 1kHz, R1 = 100k
0.2
%
BW
Small-Signal Bandwidth
R1 = 50
Ω, ISET = 500µA
80
MHz
tr
Small-Signal Rise Time
R1 = 50
Ω, ISET = 500µA, 10% to 90%
5
ns
Propagation Delay
R1 = 50
Ω, ISET = 500µA, 50% to 50%
5
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The q denotes specifications which apply over the operating temperature
range.
Note 1: A heat sink may be required depending on the power supply
voltage.
Note 2: This is the total capacitance at pin 1. It includes the input
capacitance of the current feedback amplifier and the output capacitance
of the transconductance amplifier.
Note 3: Slew rate is measured at
±5V on a ±10V output signal while
operating on
±15V supplies with RF = 1k, RG = 110Ω and RL = 400Ω. The
slew rate is much higher when the input is overdriven, see the applications
section.
Note 4: Rise time is measured from 10% to 90% on a
±500mV output
signal while operating on
±15V supplies with RF = 1k, RG = 110Ω and
RL = 100Ω. This condition is not the fastest possible, however, it does
guarantee the internal capacitances are correct and it makes automatic
testing practical.
Note 5: AC parameters are 100% tested on the ceramic and plastic DIP
packaged parts (J and N suffix) and are sample tested on every lot of
the SO packaged parts (S suffix).
Note 6: NTSC composite video with an output level of 2V.
Note 7: Back to back 6V Zener diodes are connected between pins 2 and
3 for ESD protection.


Similar Part No. - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
666Kb / 22P
   100MHz Current Feedback
LT1228 LINER-LT1228 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228CJ8 LINER-LT1228CJ8 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228CN8 LINER-LT1228CN8 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
More results

Similar Description - LT1228

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1228 LINER-LT1228_07 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228_15 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com