Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1227 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1227
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1227 Datasheet HTML 3Page - Linear Technology LT1227 Datasheet HTML 4Page - Linear Technology LT1227 Datasheet HTML 5Page - Linear Technology LT1227 Datasheet HTML 6Page - Linear Technology LT1227 Datasheet HTML 7Page - Linear Technology LT1227 Datasheet HTML 8Page - Linear Technology LT1227 Datasheet HTML 9Page - Linear Technology LT1227 Datasheet HTML 10Page - Linear Technology LT1227 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1227
I
SPLII
F ED S
A
CHE
TIC
S
APPLICATI
I FOR ATIO
The LT1227 is a very fast current feedback amplifier.
Because it is a current feedback amplifier, the bandwidth
is maintained over a wide range of voltage gains. The
amplifier is designed to drive low impedance loads such as
cables with excellent linearity at high frequencies.
Feedback Resistor Selection
The small-signal bandwidth of the LT1227 is set by the
external feedback resistors and the internal junction ca-
pacitors. As a result, the bandwidth is a function of the
supply voltage, the value of the feedback resistor, the
closed-loop gain and load resistor. The characteristic
curves of Bandwidth vs Supply Voltage show the effect of
a heavy load (100
Ω) and a light load (1k). These curves
use a solid line when the response has less than 0.5dB of
peaking and a dashed line when the response has 0.5dB to
5dB of peaking. The curves stop where the response has
more than 5dB of peaking.
At a gain of two, on
±15V supplies with a 1k feedback
resistor, the bandwidth into a light load is over 140MHz,
but into a heavy load the bandwidth reduces to 120MHz.
The loading has this effect because there is a mild reso-
nance in the output stage that enhances the bandwidth at
light loads but has its Q reduced by the heavy load. This
enhancement is only useful at low gain settlings; at a gain
of ten it does not boost the bandwidth. At unity gain, the
enhancement is so effective the value of the feedback
resistor has very little effect. At very high closed-loop
gains, the bandwidth is limited by the gain bandwidth
product of about 1GHz. The curves show that the band-
width at a closed-loop gain of 100 is 12MHz, only one tenth
what it is at a gain of two.
NULL
NULL
6 VOUT
4 V
7
V +
2
–IN
+IN 3
CURRENT
SOURCE
BIAS
8
S/D
14k
1
5
1227 SS


Similar Part No. - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227 Datasheet
666Kb / 22P
   100MHz Current Feedback
LT1227 LINER-LT1227 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com