Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1227 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1227
Description  140MHz Video Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1227 Datasheet HTML 4Page - Linear Technology LT1227 Datasheet HTML 5Page - Linear Technology LT1227 Datasheet HTML 6Page - Linear Technology LT1227 Datasheet HTML 7Page - Linear Technology LT1227 Datasheet HTML 8Page - Linear Technology LT1227 Datasheet HTML 9Page - Linear Technology LT1227 Datasheet HTML 10Page - Linear Technology LT1227 Datasheet HTML 11Page - Linear Technology LT1227 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1227
S
APPLICATI
I FOR ATIO
VOUT
AI04
Settling Time
The characteristic curves show that the LT1227 amplifier
settles to within 10mV of final value in 40ns to 55ns for any
output step up to 10V. The curve of settling to 1mV of final
value shows that there is a slower thermal contribution up
to 20
µs. The thermal settling component comes from the
output and the input stage. The output contributes just
under 1mV per volt of output change and the input
contributes 300
µV per volt of input change. Fortunately
the input thermal tends to cancel the output thermal. For
this reason the noninverting gain of two configuration
settles faster than the inverting gain of one.
Large-Signal Transient Response, AV = –2
VOUT
AI04
Large-Signal Transient Response, AV = +2
Shutdown
The LT1227 has a high impedance, low supply current
mode which is controlled by pin 8. In the shutdown mode,
the output looks like a 12pF capacitor and the supply
current drops to approximately the pin 8 current. The
shutdown pin is referenced to the positive supply through
an internal pullup circuit (see the simplified schematic).
Pulling a current of greater than 50
µA from pin 8 will put
the device into the shutdown mode. An easy way to force
shutdown is to ground pin 8, using open drain (collector)
logic. Because the pin is referenced to the positive supply,
the logic used should have a breakdown voltage of greater
than the positive supply voltage. No other circuitry is
necessary as an internal JFET limits the pin 8 current to
about 100
µA. When pin 8 is open, the LT1227 operates
normally.
Differential Input Signal Swing
The differential input swing is limited to about
±6V by an
ESD protection device connected between the inputs. In
normal operation, the differential voltage between the
input pins is small, so this clamp has no effect; however,
in the shutdown mode, the differential swing can be the
same as the input swing. The clamp voltage will then set
the maximum allowable input voltage. To allow for some
margin, it is recommended that the input signal be less
than
±5V when the device is shutdown.
Offset Adjust
Pins 1 and 5 are provided for offset nulling. A small current
to V+ or ground will compensate for DC offsets in the
device. The pins are referenced to the positive supply (see
the simplified schematic) and should be left open if un-
used. The offset adjust pins act primarily on the inverting
input bias current. A 10k pot connected to pins 1 and 5 with
the wiper connected to V
+ will null out the bias current, but
will not affect the offset voltage much. Since the output
offset is
VO ≅ AV • VOS + (IIN) • RF
at higher gains (AV > 5), the VOS term will dominate. To null
out the VOS term, use a 10k pot between pins 1 and 5 with
a 150k resistor from the wiper to ground for 15V split
supplies, 47k for 5V split supplies.
AI03
RF = 1k, RG= 1k, RL = 400Ω
RF = 1k, RG= 510Ω, RL = 400Ω


Similar Part No. - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227 Datasheet
666Kb / 22P
   100MHz Current Feedback
LT1227 LINER-LT1227 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CN8 LINER-LT1227CN8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227CS8 LINER-LT1227CS8 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
More results

Similar Description - LT1227

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Intersil Corporation
HA5023883 INTERSIL-HA5023883 Datasheet
813Kb / 19P
   Dual 125MHz Video Current Feedback Amplifier
HA5023IPZ INTERSIL-HA5023IPZ Datasheet
435Kb / 17P
   Dual 125MHz Video Current Feedback Amplifier
September 30, 2015
HA5023 INTERSIL-HA5023 Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5025 INTERSIL-HA5025 Datasheet
150Kb / 13P
   Quad, 125MHz Video Current Feedback Amplifier
September 1998
HA5023 INTERSIL-HA5023_06 Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5025 RENESAS-HA5025 Datasheet
846Kb / 15P
   Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com