Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU7080L Datasheet(PDF) 2 Page - Ruichips Semiconductor Co., Ltd

Part # RU7080L
Description  N-Channel Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU7080L Datasheet(HTML) 2 Page - Ruichips Semiconductor Co., Ltd

  RU7080L Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU7080L Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RU7080L
Min.
Typ.
Max.
BVDSS
Drain-Source Breakdown Voltage
70
V
1
TJ=125°C
30
VGS(th)
Gate Threshold Voltage
2
3
4
V
IGSS
Gate Leakage Current
±100
nA
RDS(ON)
Drain-Source On-state Resistance
5.7
8
VSD
Diode Forward Voltage
1.2
V
trr
Reverse Recovery Time
45
ns
Qrr
Reverse Recovery Charge
93
nC
RG
Gate Resistance
1.5
Ω
Ciss
Input Capacitance
3450
Coss
Output Capacitance
930
Crss
Reverse Transfer Capacitance
230
td(ON)
Turn-on Delay Time
40
tr
Turn-on Rise Time
132
td(OFF)
Turn-off Delay Time
180
tf
Turn-off Fall Time
90
Qg
Total Gate Charge
67
Qgs
Gate-Source Charge
14
Qgd
Gate-Drain Charge
22
Notes:
Ruichips Semiconductor Co., Ltd
Rev. A– MAY., 2013
2
www.ruichips.com
VDS=VGS, IDS=250µA
Static Characteristics
Symbol
Parameter
Test Condition
RU7080L
Unit
VGS=0V, IDS=250µA
IDSS
Zero Gate Voltage Drain Current
VDS=70V, VGS=0V
µA
Electrical Characteristics (T
C=25°C Unless Otherwise Noted)
VDD=35V, IDS=40A,
VGEN=10V,RG=4.7Ω
VDS=56V, VGS=10V,
IDS=40A
①Pulse width limited by safe operating area.
②Calculated continuous current based on maximum allowable junction temperature. The package
limitation current is 60A.
③Limited by T
Jmax, IAS =30A, VDD = 48V, RG = 50Ω , Starting TJ = 25°C.
④Pulse test;Pulse width≤300µs, duty cycle≤2%.
⑤Guaranteed by design, not subject to production testing.
Gate Charge Characteristics
nC
ns
ISD=40A, VGS=0V
ISD=40A, dlSD/dt=100A/µs
VGS=0V,VDS=0V,F=1MHz
VGS=0V,
VDS=35V,
Frequency=1.0MHz
pF
Dynamic Characteristics
VGS=±25V, VDS=0V
VGS=10V, IDS=40A
Diode Characteristics


Similar Part No. - RU7080L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RU7080L VBSEMI-RU7080L Datasheet
996Kb / 8P
   N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - RU7080L

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com