Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75237 Datasheet(PDF) 5 Page - NEC

Part # UPD75237
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75237 Datasheet(HTML) 5 Page - NEC

  UPD75237 Datasheet HTML 1Page - NEC UPD75237 Datasheet HTML 2Page - NEC UPD75237 Datasheet HTML 3Page - NEC UPD75237 Datasheet HTML 4Page - NEC UPD75237 Datasheet HTML 5Page - NEC UPD75237 Datasheet HTML 6Page - NEC UPD75237 Datasheet HTML 7Page - NEC UPD75237 Datasheet HTML 8Page - NEC UPD75237 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 191 page
background image
5
µPD75237
CONTENTS
1.
PIN FUNCTIONS ......................................................................................................................................... 7
1.1
PORT PINS ........................................................................................................................................................... 7
1.2
NON-PORT PINS .................................................................................................................................................. 9
1.3
PIN INPUT/OUPUT CIRCUIT LIST ................................................................................................................... 11
1.4
RECOMMENDED CONNECTIONS OF
µPD75237 UNUSED PINS ............................................................... 15
2.
µPD75237 ARCHITECTURE AND MEMORY MAP................................................................................ 16
2.1
DATA MEMORY BANK CONFIGURATION AND ADDRESSING MODE ..................................................... 16
2.2
GENERAL REGISTER BANK CONFIGURATION ............................................................................................ 19
2.3
MEMORY MAPPED I/O .................................................................................................................................... 22
3.
INTERNAL CPU FUNCTIONS .................................................................................................................. 28
3.1
PROGRAM COUNTER (PC): 15 BITS .............................................................................................................. 28
3.2
PROGRAM MEMORY (ROM): 24448 WORDS
× 8 BITS ............................................................................... 28
3.3
DATA MEMORY ................................................................................................................................................ 30
3.4
GENERAL REGISTER: 8
× 4 BITS × 4 BANKS ............................................................................................... 32
3.5
ACCUMULATOR ............................................................................................................................................... 33
3.6
STACK POINTER (SP) AND STACK BANK SELECT REGISTER (SBS) ....................................................... 33
3.7
PROGRAM STATUS WORD (PSW): 8 BITS ................................................................................................... 36
3.8
BANK SELECT REGISTER (BS) ....................................................................................................................... 40
4.
PERIPHERAL HARDWARE FUNCTIONS ............................................................................................... 41
4.1
DIGITAL INPUT/OUTPUT PORTS ................................................................................................................... 41
4.2
CLOCK GENERATOR ........................................................................................................................................ 50
4.3
CLOCK OUTPUT CIRCUIT ................................................................................................................................ 58
4.4
BASIC INTERVAL TIMER ................................................................................................................................. 61
4.5
TIMER/EVENT COUNTER ................................................................................................................................ 63
4.6
WATCH TIMER .................................................................................................................................................. 69
4.7
TIMER/PULSE GENERATOR ........................................................................................................................... 71
4.8
EVENT COUNTER ............................................................................................................................................. 77
4.9
SERIAL INTERFACE .......................................................................................................................................... 79
4.10 A/D CONVERTER ........................................................................................................................................... 113
4.11 BIT SEQUENTIAL BUFFER: 16 BITS ............................................................................................................. 119
4.12 FIP CONTROLLER/DRIVER ............................................................................................................................ 119
5.
INTERRUPT FUNCTIONS ...................................................................................................................... 131
5.1
INTERRUPT CONTROL CIRCUIT CONFIGURATION ................................................................................... 131
5.2
INTERRUPT CONTROL CIRCUIT HARDWARE DEVICES ........................................................................... 133
5.3
INTERRUPT SEQUENCE ................................................................................................................................ 138
5.4
MULTI-INTERRUPT SERVICE CONTROL ..................................................................................................... 139
5.5
VECTOR ADDRESS SHARING INTERRUPT SERVICING .......................................................................... . 141
6.
STANDBY FUNCTIONS ......................................................................................................................... 142
6.1
STANDBY MODE SETTING AND OPERATING STATE .............................................................................. 142
6.2
STANDBY MODE RELEASE .......................................................................................................................... 144
6.3
OPERATION AFTER STANDBY MODE RELEASE ....................................................................................... 146


Similar Part No. - UPD75237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75237 RENESAS-UPD75237 Datasheet
1Mb / 193P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75237

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com