Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1223 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1223
Description  100MHz Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223 Datasheet(HTML) 4 Page - Linear Technology

  LT1223 Datasheet HTML 1Page - Linear Technology LT1223 Datasheet HTML 2Page - Linear Technology LT1223 Datasheet HTML 3Page - Linear Technology LT1223 Datasheet HTML 4Page - Linear Technology LT1223 Datasheet HTML 5Page - Linear Technology LT1223 Datasheet HTML 6Page - Linear Technology LT1223 Datasheet HTML 7Page - Linear Technology LT1223 Datasheet HTML 8Page - Linear Technology LT1223 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1223
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Supply Voltage,
Supply Current vs Supply Voltage
Output Short Circuit-Current vs
VIN = 0 (Operating)
(Shutdown)
Temperature
COMMON MODE VOLTAGE (V)
–15
–10
–6
–2
2
6
10
LT1223 • TPC07
–10
–5
0
5
10
15
125°C
–8
–4
0
4
8
–55°C
±
V = 15V
S
25°C
COMMON MODE VOLTAGE (V)
–15
–5
–3
–1
1
3
5
LT1223 • TPC06
–10
–5
0
5
10
15
25°C
125°C
–4
–2
0
2
4
–55°C
V = ±15V
S
TEMPERATURE (°C)
+2
LT1223 • TPC05
+1
+3
+4
–4
–3
–2
–1
V = –15V
S
V = –5V
S
V = 15V
S
V = 5V
S
–50
–25
0
25
50
75
100
125
V+
V–
SUPPLY VOLTAGE ( V)
0
0
2
4
6
8
10
LT1223 • TPC02
2
4
6
8
1012 14 1618 20
±
–55°C
25°C
125°C
SUPPLY VOLTAGE ( V)
0
0
1
2
3
4
LT1223 • TPC03
2
4
6
8
10 12 14161820
±
125°C
–55°C
PIN 8 = 0V
25°C
CASE TEMPERATURE (°C)
–50
0
30
100
LT1223 • TPC04
–25
0
25
50
75
100
125
10
20
40
50
60
70
80
90
Input Common-Mode Limit vs
Temperature
+IB vs Common-Mode Voltage
–IB vs Common-Mode Voltage
Output Voltage Swing vs
Output Voltage Swing vs
VOS vs Common-Mode Voltage
Load Resistor
Supply Voltage
COMMON MODE VOLTAGE (V)
–15
–20
–10
10
20
LT1223 • TPC08
–10
–5
0
5
10
15
–15
–5
0
5
15
–55°C
25°C
125°C
V = 15V
S
±
LOAD RESISTOR ( )
100
–20
15
20
1000
10000
LT1223 • TPC09
–15
–10
–5
0
5
10
125°C
V = 15V
S
±
25°C, –55°C
125°C
25°C, –55°C
SUPPLY VOLTAGE ( V)
0
–20
–10
–5
10
20
LT1223 • TPC10
2
4
6
8
10 1214 1618 20
±
125°C
–15
0
5
15
25°C
25°C
125°C
–55°C
–55°C


Similar Part No. - LT1223

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223CJ8 LINER-LT1223CJ8 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1223CN8 LINER-LT1223CN8 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1223CS8 LINER-LT1223CS8 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
More results

Similar Description - LT1223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com